Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3592-RTR Datasheet(PDF) 13 Page - Silicon Laboratories

Part # EM3592-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3592-RTR Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button EM3592-RTR Datasheet HTML 9Page - Silicon Laboratories EM3592-RTR Datasheet HTML 10Page - Silicon Laboratories EM3592-RTR Datasheet HTML 11Page - Silicon Laboratories EM3592-RTR Datasheet HTML 12Page - Silicon Laboratories EM3592-RTR Datasheet HTML 13Page - Silicon Laboratories EM3592-RTR Datasheet HTML 14Page - Silicon Laboratories EM3592-RTR Datasheet HTML 15Page - Silicon Laboratories EM3592-RTR Datasheet HTML 16Page - Silicon Laboratories EM3592-RTR Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
EM359x
Rev 1.0
13
3. Electrical Specifications
3.1. Absolute Maximum Ratings
Table 3.1 lists the absolute maximum ratings for the EM359x.
3.2. Recommended Operating Conditions
Table 3.2 lists the rated operating conditions of the EM359x.
Table 3.1. Absolute Maximum Ratings
Parameter
Test Condition
Min
Max
Unit
Regulator input voltage (VDD_PADS)
–0.3
+3.6
V
Analog, Memory and Core voltage (VDD_24MHZ,
VDD_VCO, VDD_RF, VDD_IF, VDD_PADSA,
VDD_MEM, VDD_PRE, VDD_SYNTH, VDD_CORE)
–0.3
+2.0
V
Voltage on RF_P,N; RF_TX_ALT_P,N
–0.3
+3.6
V
RF Input Power
(for max level for correct packet reception see
Table 3.7)
RX signal into a
loss-less balun
—
+15
dBm
Voltage on any GPIO (PA[7:0], PB[7:0], PC[7:0],
PD[4:1], PE[3:0]), SWCLK, nRESET, VREG_OUT
–0.3
VDD_PADS
+0.3
V
Voltage on any GPIO pin (PA4, PA5, PB5, PB6, PB7,
PC1), when used as an input to the general purpose
ADC
–0.3
2.0
V
Voltage on OSCA, OSCB, NC
–0.3
VDD_PADSA
+0.3
V
Storage temperature
–40
+140
°C
Table 3.2. Operating Conditions
Parameter
Test Condition
Min
Typ
Max
Unit
Regulator input voltage (VDD_PADS)
2.1
—
3.6
V
Analog and memory input voltage
(VDD_24MHZ, VDD_VCO, VDD_RF, VDD_IF,
VDD_PADSA, VDD_MEM, VDD_PRE,
VDD_SYNTH)
1.7
1.8
1.9
V
Core input voltage when supplied from internal
regulator (VDD_CORE)
1.18
1.25
1.32
V
Operating temperature range
–40
—
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com