Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3592-RTR Datasheet(PDF) 34 Page - Silicon Laboratories

Part # EM3592-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3592-RTR Datasheet(HTML) 34 Page - Silicon Laboratories

Back Button EM3592-RTR Datasheet HTML 30Page - Silicon Laboratories EM3592-RTR Datasheet HTML 31Page - Silicon Laboratories EM3592-RTR Datasheet HTML 32Page - Silicon Laboratories EM3592-RTR Datasheet HTML 33Page - Silicon Laboratories EM3592-RTR Datasheet HTML 34Page - Silicon Laboratories EM3592-RTR Datasheet HTML 35Page - Silicon Laboratories EM3592-RTR Datasheet HTML 36Page - Silicon Laboratories EM3592-RTR Datasheet HTML 37Page - Silicon Laboratories EM3592-RTR Datasheet HTML 38Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
EM359x
34
Rev 1.0

Supports incremental (quadrature) encoders and Hall sensors for positioning applications.

Trigger input for external clock or cycle-by-cycle current management.
Refer to chapter 10 in the Ember EM359x Reference Manual for more information.
4.6.5. Analog-to-Digital Converter (ADC)
The EM359x ADC is a first-order sigma-delta converter with the following features:

Resolution of up to 14 bits

Sample times as fast as 5.33 µs (188 kHz)

Differential and single-ended conversions from six external and four internal sources

One voltage range (differential): -VREF to +VREF

Choice of internal or external VREF

internal VREF may be output to PB0 or external VREF may be derived from PB0

Digital offset and gain correction

Dedicated DMA channel with one-shot and continuous operating modes
Refer to chapter 11 in the Ember EM359x Reference Manual for more information.
4.7. Debugging
The EM359x utilizes standard Serial Wire and JTAG interfaces for powerful software debugging and programming
of the ARM® CortexTM-M3 core. The EM359x integrates the standard ARM® system debug components: Flash
Patch and Breakpoint (FPB), Data Watchpoint and Trace (DWT), and Instrumentation Trace Macrocell (ITM) as
well as the advanced Embedded Trace Macrocell (ETM).
4.7.1. Trace Port Interface Unit (TPIU)
The EM359x integrates the standard ARM® Trace Port Interface Unit (TPIU). The TPIU receives a data stream
from the on-chip trace data generated by the standard ARM® Instrument Trace Macrocell (ITM) and ARM®
Embedded Trace Macrocell (ETM), buffers the data in a FIFO for the ITM and FIFO for the ETM, formats the data,
and serializes the data to be sent off chip through alternate functions of the GPIO.
Refer to chapter 12 in the Ember EM359x Reference Manual for more information.
4.7.2. Instrumentation Trace Macrocell (ITM)
The EM359x integrates the standard ARM® Instrumentation Trace Macrocell (ITM). The ITM is an application-
driven trace source that supports printf style debugging to trace software events and emits diagnostic system
information from the ARM® Data Watchpoint and Trace (DWT). Software using the ITM generates Software
Instrumentation Trace (SWIT). In addition, the ITM provides coarse-grained timestamp functionality.
Refer to chapter 13 in the Ember EM359x Reference Manual for more information.
4.7.3. Embedded Trace Macrocell (ETM)
The EM359x integrates the standard ARM® Embedded Trace Macrocell (ETM) version 3.4. The ETM is a powerful
debug component that enables reconstruction of program execution. It is designed as a high-speed, low-power
debug tool that only supports instruction trace.
Refer to chapter 14 in the Ember EM359x Reference Manual for more information.
4.7.4. Data Watchpoint and Trace (DWT)
The EM359x integrates the standard ARM® Data Watchpoint and Trace (DWT). The DWT provides hardware
support for profiling and debugging functionality. The DWT offers the following features:

PC sampling

Comparators to support:

Watchpoints – enters debug state

Data tracing

Cycle count matched PC sampling

Exception trace support

Instruction cycle count calculation support
Refer to chapter 15 in the Ember EM359x Reference Manual for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com