Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3592-RTR Datasheet(PDF) 37 Page - Silicon Laboratories

Part # EM3592-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3592-RTR Datasheet(HTML) 37 Page - Silicon Laboratories

Back Button EM3592-RTR Datasheet HTML 33Page - Silicon Laboratories EM3592-RTR Datasheet HTML 34Page - Silicon Laboratories EM3592-RTR Datasheet HTML 35Page - Silicon Laboratories EM3592-RTR Datasheet HTML 36Page - Silicon Laboratories EM3592-RTR Datasheet HTML 37Page - Silicon Laboratories EM3592-RTR Datasheet HTML 38Page - Silicon Laboratories EM3592-RTR Datasheet HTML 39Page - Silicon Laboratories EM3592-RTR Datasheet HTML 40Page - Silicon Laboratories EM3592-RTR Datasheet HTML 41Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
EM359x
Rev 1.0
37
6. Pin Assignments
Figure 6.1. EM359x Pin Definitions
Refer to Chapter 7, GPIO, in the Ember EM359x Reference Manual for details about selecting GPIO pin
functions.
VDD_24MHz
2
VDD_VCO
3
RF_P
4
RF_N
5
VDD_RF
6
RF_TX_ALT_P
7
RF_TX_ALT_N
8
VDD_IF
9
OSCA
1
NC
10
PC5, TX_ACTIVE
12
nRESET
13
VDD_PADSA
11
PC6, OSC32B, nTX_ACTIVE
14
15 16 17 18 19 20 21 22 23 24 25 26 27
43
PC4, JTMS, SWDIO
PC3, JTDI, TRACECLK
PC2, JTDO, SWO, TRACEDATA0
SWCLK, JTCK
PB2, SC1MISO, SC1MOSI, SC1SCL, SC1RXD, TIM2C2
PB1, SC1MISO, SC1MOSI, SC1SDA, SC1TXD, TIM2C1
PA6, TIM1C3
VDD_PADS
PE1, SC4SDA, SC4MISO
PE0, SC4MOSI
PD4, SC3nRTS, SC3nSSEL
PA5, ADC5, PTI_DATA, nBOOTMODE, TRACEDATA3
PA4, ADC4, PTI_EN, TRACEDATA2
PA3, SC2nSSEL, TIM2C
29
30
31
32
33
34
35
36
37
38
39
40
41
42
44
45
46
47
48
49
50
51
52
53
54
55
56
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com