Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3592-RTR Datasheet(PDF) 22 Page - Silicon Laboratories

Part # EM3592-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3592-RTR Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button EM3592-RTR Datasheet HTML 18Page - Silicon Laboratories EM3592-RTR Datasheet HTML 19Page - Silicon Laboratories EM3592-RTR Datasheet HTML 20Page - Silicon Laboratories EM3592-RTR Datasheet HTML 21Page - Silicon Laboratories EM3592-RTR Datasheet HTML 22Page - Silicon Laboratories EM3592-RTR Datasheet HTML 23Page - Silicon Laboratories EM3592-RTR Datasheet HTML 24Page - Silicon Laboratories EM3592-RTR Datasheet HTML 25Page - Silicon Laboratories EM3592-RTR Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
EM359x
22
Rev 1.0
2nd high-side adjacent channel
rejection
CW interferer signal, wanted IEEE
802.15.4-2003 signal at –82 dBm
—
59
—
dB
2nd low-side adjacent channel rejection
CW interferer signal, wanted IEEE
802.15.4-2003 signal at –82 dBm
—
59
—
dB
Channel rejection for all other channels IEEE 802.15.4-2003 interferer signal,
wanted IEEE 802.15.4-2003 signal
at –82 dBm
—
40
—
dB
802.11g rejection centered at +12 MHz
or –13 MHz
IEEE 802.15.4-2003 interferer signal,
wanted IEEE 802.15.4-2003 signal
at –82 dBm
—
36
—
dB
Maximum input signal level for correct
operation
0
—
—
dBm
Co-channel rejection
IEEE 802.15.4-2003 interferer signal,
wanted IEEE 802.15.4-2003 signal
at –82 dBm
—
–6
—
dBc
Relative frequency error tolerance
(50% greater than the 2x40 ppm
required by IEEE 802.15.4-2003)
–120
—
+120
ppm
Relative timing error tolerance
(50% greater than the 2x40 ppm
required by IEEE 802.15.4-2003)
–120
—
+120
ppm
Linear RSSI range
As defined by IEEE 802.15.4-2003
40
—
—
dB
RSSI Range
–90
—
–40
dBm
Table 3.8. Receive Characteristics (Continued)
Parameter
Test Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com