Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3592-RTR Datasheet(PDF) 10 Page - Silicon Laboratories

Part # EM3592-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3592-RTR Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button EM3592-RTR Datasheet HTML 6Page - Silicon Laboratories EM3592-RTR Datasheet HTML 7Page - Silicon Laboratories EM3592-RTR Datasheet HTML 8Page - Silicon Laboratories EM3592-RTR Datasheet HTML 9Page - Silicon Laboratories EM3592-RTR Datasheet HTML 10Page - Silicon Laboratories EM3592-RTR Datasheet HTML 11Page - Silicon Laboratories EM3592-RTR Datasheet HTML 12Page - Silicon Laboratories EM3592-RTR Datasheet HTML 13Page - Silicon Laboratories EM3592-RTR Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
EM359x
10
Rev 1.0
Figure 2.1. Typical Application Circuit
R7
C3
nRESET
PC5
PC6
PA3
PA4
PA5
PA6
PB1
PB2
JCLK
PC2
PC3
PC4
R3
VBRD
C4
VBRD
PC0
PC4
PA4
PC2
PC3
JCLK
NRESET
PA5
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
1
2
3
4
5
6
7
8
9
10
J2
VCC
8
nHOLD
7
SCLK
6
SI/SIO0
5
nCS
1
SO/SIO1
2
nWP
3
GND
4
U3
R9
R8
VBRD
R11
PB7
1
Q1
PB4
PB2
PB3
PB1
R10
1
2
Y1
C6
C5
PC6
PC7
BLN1
L4
C7
L5
L6
C8
C9
1V25_CORE
1V8
PD4
PE0
PE1
VDD_24MHz
2
VDD_VCO
3
RF_P
4
RF_N
5
VDD_RF
6
RF_TX_ALT_P
7
RF_TX_ALT_N
8
VDD_IF
9
NC
10
VDD_PADSA
11
PC5
12
NRESET
13
PC6
14
PA3
29
PA4
30
PA5
31
VDD_PADS_2
35
PA6
36
PB1
37
PB2
38
JTCK
39
PC2
40
PC3
41
PC4
42
OSCA
1
EM359x
PD4
32
PE0
33
PE1
34
U2
EM359x
Optional 32kHz
Programming/Debug Interface (Optionally Route to Test Points)
Optional Serial Flash
L2
L1
AT1
L3
Antenna Interface
Harmonic Filter
Ceramic Balun
OSCB
OSCA
Y2
C10
C11
C15
R4
R2
R1
R6
R5
C13
PA0
PA1
PA2
PA3
C12
VCC
1
D-
2
D+
3
NC
4
GND
5
J1
Optional USB (Shown as Bus-Powered Configuration)
IN
3
GND
1
OUT
2
U1
C2
C1
VBRD
VBUS
FB1
D2
TVS
D3
TVS
D1
TVS
ESD Protection Diodes
C14
R1/R2 installed for self-powered
configuration only (VBUS sense)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com