Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2389 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2389
Description  18 V, 12 A Step-Down Regulator with Programmable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2389 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2389 Datasheet HTML 3Page - Analog Devices ADP2389 Datasheet HTML 4Page - Analog Devices ADP2389 Datasheet HTML 5Page - Analog Devices ADP2389 Datasheet HTML 6Page - Analog Devices ADP2389 Datasheet HTML 7Page - Analog Devices ADP2389 Datasheet HTML 8Page - Analog Devices ADP2389 Datasheet HTML 9Page - Analog Devices ADP2389 Datasheet HTML 10Page - Analog Devices ADP2389 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet
ADP2389/ADP2390
Rev. 0 | Page 7 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SS
Soft Start Control. Connect a capacitor from the SS pin to GND to program the soft start time.
2
COMP
Error Amplifier Output. Connect an RC network from the COMP pin to GND.
3
FB
Feedback Voltage Sense Input. Connect this pin to a resistor divider from the output voltage, VOUT.
4
VREG
Output of the Internal 5 V Regulator. The control circuits are powered from this voltage. Place a 1 μF, X7R or
X5R ceramic capacitor between this pin and GND.
5
GND
Analog Ground.
6 to 11, 19, 20
SW
Switch Node. Connect this pin to an inductor.
12 to 18
PGND
Power Ground. Return of the low-side MOSFET.
21
BST
Supply Rail for the High-Side Gate Drive. Place a 0.1 μF, X7R or X5R capacitor between SW and BST.
22 to 26
PVIN
Power Input. Connect PVIN to the input power source and connect a bypass capacitor between this pin and
PGND.
27
VIN
Power Input for Control Circuitry. Bypass VIN to GND with a low equivalent series resistance (ESR) capacitor
as close to the device as possible. Connect VIN to PVIN directly.
28
EN
Precision Enable. Use an external resistor divider to set the turn on threshold. To enable the device
automatically, connect the EN pin to PVIN.
29
FTW
Fast Transient Response Window Setting. Connect a resistor between the FTW pin and GND to set the fast
transient response window.
30
PGOOD
Power-Good Output (Open-Drain). Connecting a 10 kΩ to 100 kΩ pull-up resistor from PGOOD to a pull-up
voltage is recommended.
31
ILIM
Current-Limit Threshold Setting. Connect a resistor from the ILIM pin to GND to program the current-limit
threshold.
32
RT
Frequency Setting. Connect a resistor between the RT pin and GND to program the switching frequency
between 200 kHz to 2.2 MHz.
33
EP, GND
Exposed GND Pad. The exposed GND pad must be soldered to a large, external, copper GND plane to reduce
thermal resistance.
34
EP, SW
Exposed SW Pad. The exposed SW pad must be connected to the SW pins by using short, wide traces, or
soldered to a large, external, copper SW plane to reduce thermal resistance.
33
GND
34
SW
ADP2389/ADP2390
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
SS
COMP
FB
VREG
GND
SW
SW
SW
24
23
22
21
20
19
18
17
PVIN
PVIN
PVIN
BST
SW
SW
PGND
PGND
NOTES
1. THE EXPOSED GND PAD MUST BE SOLDERED TO A LARGE, EXTERNAL,
COPPER GND PLANE TO REDUCE THERMAL RESISTANCE.
2. THE EXPOSED SW PAD MUST BE CONNECTED TO THE SW PINS BY
USING SHORT, WIDE TRACES, OR SOLDERED TO A LARGE, EXTERNAL,
COPPER SW PLANE TO REDUCE THERMAL RESISTANCE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com