Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2389 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2389
Description  18 V, 12 A Step-Down Regulator with Programmable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2389 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2389 Datasheet HTML 4Page - Analog Devices ADP2389 Datasheet HTML 5Page - Analog Devices ADP2389 Datasheet HTML 6Page - Analog Devices ADP2389 Datasheet HTML 7Page - Analog Devices ADP2389 Datasheet HTML 8Page - Analog Devices ADP2389 Datasheet HTML 9Page - Analog Devices ADP2389 Datasheet HTML 10Page - Analog Devices ADP2389 Datasheet HTML 11Page - Analog Devices ADP2389 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADP2389/ADP2390
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VPVIN = VVIN = 12 V, VOUT = 1.8 V, L = 1 µH, COUT = 5 × 100 µF, fSW = 500 kHz, unless otherwise noted.
Figure 5. ADP2389 Efficiency at VPVIN = 12 V, fSW = 600 kHz
Figure 6. ADP2390 Efficiency at VPVIN = 12 V, fSW = 600 kHz
Figure 7. Shutdown Current (ISHDN) vs. Input Voltage
Figure 8. ADP2389 Efficiency at VPVIN = 12 V, fSW = 300 kHz
Figure 9. ADP2390 Efficiency at VPVIN = 12 V, fSW = 300 kHz
Figure 10. Quiescent Current (IQ) vs. Input Voltage
100
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
7
8
9
10
11
12
OUTPUT CURRENT (A)
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5.0V
INDUCTOR:
744 333 0100
100
60
65
70
75
80
85
90
95
0.1
1
10
OUTPUT CURRENT (A)
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5.0V
INDUCTOR:
744 333 0100
16
0
2
4
6
8
10
12
14
4
6
8
10
12
14
16
18
INPUT VOLTAGE (V)
TJ = –40°C
TJ = +25°C
TJ = +125°C
100
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
7
8
9
10
11
12
OUTPUT CURRENT (A)
VOUT = 1.2V
VOUT = 1.0V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5.0V
INDUCTOR:
744 333 0220
100
60
65
70
75
80
85
90
95
0.1
1
10
OUTPUT CURRENT (A)
VOUT = 1.2V
VOUT = 1.0V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5.0V
INDUCTOR:
744 333 0220
1.25
1.00
1.05
1.10
1.15
1.20
4
6
8
10
12
14
16
18
INPUT VOLTAGE (V)
TJ = –40°C
TJ = +25°C
TJ = +125°C
Rev. 0 | Page 8 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com