Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2389 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2389
Description  18 V, 12 A Step-Down Regulator with Programmable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2389 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2389 Datasheet HTML 14Page - Analog Devices ADP2389 Datasheet HTML 15Page - Analog Devices ADP2389 Datasheet HTML 16Page - Analog Devices ADP2389 Datasheet HTML 17Page - Analog Devices ADP2389 Datasheet HTML 18Page - Analog Devices ADP2389 Datasheet HTML 19Page - Analog Devices ADP2389 Datasheet HTML 20Page - Analog Devices ADP2389 Datasheet HTML 21Page - Analog Devices ADP2389 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ADP2389/ADP2390
Data Sheet
According to the calculations for COUT_RIPPLE, COUT_OV, and
COUT_UV, the output capacitance must be greater than 332 µF and
the ESR of the output capacitor must be less than 3.78 mΩ. It is
recommended that five 100 µF, X5R, 6.3 V ceramic capacitors
be used, such as the GRM32ER60J107ME20 from Murata, with
an ESR of 2 mΩ.
COMPENSATION COMPONENTS
For better load transient and stability performance, set the cross
frequency, fC, to fSW/10. In this case, fSW is running at 500 kHz;
therefore, set fC to 50 kHz.
The 100 µF ceramic output capacitors have a derated value of
62 µF.
Ω
=
×
×
×
×
×
×
×
=
k
47
.
19
A/V
20
μS
500
V
6
.
0
kHz
50
μF
62
5
V
2
.
1
2 π
C
R
(
)
pF
1623
k
47
.
19
μF
62
5
002
.
0
1
.
0
=
Ω
×
×
Ω
+
Ω
=
C
C
pF
8
.
31
k
47
.
19
μF
62
5
002
.
0
=
Ω
×
×
Ω
=
CP
C
Choose the following standard components: RC = 20 kΩ, CC =
1500 pF, and CCP = 33 pF.
SOFT START TIME PROGRAM
The soft start feature ramps up the output voltage in a controlled
manner, eliminating output voltage overshoot during soft start,
and limiting the inrush current. Set the soft start time to 4 ms.
4 ms 3.4 μA 22.67 nF
0.6 V
0.6 V
SS
SS
SS
tI
C
××
=
=
=
Choose a standard component value of CSS = 22 nF.
INPUT CAPACITOR SELECTION
Place a minimum 10 µF ceramic capacitor near the PVIN pin.
In this application, one 10 µF, X5R, 25 V ceramic capacitor is
recommended.
SCHEMATIC FOR DESIGN EXAMPLE
Figure 32. Schematic for Design Example
BST
FB
COMP
PGOOD
GND
VREG
RT
ILIM
FTW
SS
L
0.68µH
CVREG
1µF
RT
121kΩ
SW
PGND
EN
PVIN
VIN
CIN
10µF
25V
VIN = 12V
CBST
0.1µF
COUT1
100µF
6.3V
COUT2
100µF
6.3V
COUT3
100µF
6.3V
COUT4
100µF
6.3V
COUT5
100µF
6.3V
VOUT = 1.2V
RTOP
10kΩ
RBOT
10kΩ
CC
1500pF
RC
20kΩ
CSS
22nF
CCP
33pF
ADP2389/
ADP2390
Rev. 0 | Page 18 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com