Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2389 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP2389
Description  18 V, 12 A Step-Down Regulator with Programmable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2389 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP2389 Datasheet HTML 15Page - Analog Devices ADP2389 Datasheet HTML 16Page - Analog Devices ADP2389 Datasheet HTML 17Page - Analog Devices ADP2389 Datasheet HTML 18Page - Analog Devices ADP2389 Datasheet HTML 19Page - Analog Devices ADP2389 Datasheet HTML 20Page - Analog Devices ADP2389 Datasheet HTML 21Page - Analog Devices ADP2389 Datasheet HTML 22Page - Analog Devices ADP2389 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Data Sheet
ADP2389/ADP2390
Rev. 0 | Page 23 of 23
OUTLINE DIMENSIONS
Figure 38. 32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
5 mm × 5 mm Body, Very Thin Quad
(CP-32-19)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Output Voltage
Package Description
Package Option
ADP2389ACPZ-R7
−40°C to +125°C
Adjustable
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-19
ADP2390ACPZ-R7
−40°C to +125°C
Adjustable
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-19
ADP2389-EVALZ
Evaluation Board
ADP2390-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
1.777
1.677
1.527
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
32
9
16
17
24
25
8
PIN 1
INDICATOR
SEATING
PLANE
0.05 MAX
0.02 NOM
0.152 REF
0.425
0.625
0.984
COPLANARITY
0.08
0.30
0.25
0.20
5.10
5.00 SQ
4.90
1.00
0.90
0.80
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.45
0.35
0.25
COMPLIANT
TO JEDEC STANDARDS MO-220-VHHD
3.80
3.70
3.55
3.441
3.341
3.191
1.725
1.625
1.475
EXPOSED
PAD
EXPOSED
PAD
0.65
0.65
©2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12192-0-8/15(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com