Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2389 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2389
Description  18 V, 12 A Step-Down Regulator with Programmable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2389 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2389 Datasheet HTML 5Page - Analog Devices ADP2389 Datasheet HTML 6Page - Analog Devices ADP2389 Datasheet HTML 7Page - Analog Devices ADP2389 Datasheet HTML 8Page - Analog Devices ADP2389 Datasheet HTML 9Page - Analog Devices ADP2389 Datasheet HTML 10Page - Analog Devices ADP2389 Datasheet HTML 11Page - Analog Devices ADP2389 Datasheet HTML 12Page - Analog Devices ADP2389 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Data Sheet
ADP2389/ADP2390
Figure 11. VIN UVLO Threshold vs. Temperature
Figure 12. SS Pin Pull-Up Current vs. Temperature
Figure 13. Frequency vs. Temperature
Figure 14. EN Threshold vs. Temperature
Figure 15. Feedback Voltage vs. Temperature
Figure 16. VREG Voltage vs. Temperature
4.5
3.6
3.7
3.8
4.0
4.2
4.4
3.9
4.1
4.3
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
FALLING
RISING
3.55
3.25
3.30
3.40
3.45
3.50
3.35
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
620
570
580
600
610
590
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RT = 100kΩ
1.25
0.95
1.00
1.10
1.15
1.20
1.05
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RISING
FALLING
606
594
596
600
602
604
598
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
5.3
4.7
4.8
5.0
5.1
5.2
4.9
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Rev. 0 | Page 9 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com