Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2389 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP2389
Description  18 V, 12 A Step-Down Regulator with Programmable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2389 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP2389 Datasheet HTML 15Page - Analog Devices ADP2389 Datasheet HTML 16Page - Analog Devices ADP2389 Datasheet HTML 17Page - Analog Devices ADP2389 Datasheet HTML 18Page - Analog Devices ADP2389 Datasheet HTML 19Page - Analog Devices ADP2389 Datasheet HTML 20Page - Analog Devices ADP2389 Datasheet HTML 21Page - Analog Devices ADP2389 Datasheet HTML 22Page - Analog Devices ADP2389 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Data Sheet
ADP2389/ADP2390
EXTERNAL COMPONENTS RECOMMENDATION
Table 8. Recommended External Components for Typical Applications with 10 A Output Current
fSW (kHz)
VIN (V)
VOUT (V)
L (µH)
COUT (µF)1
RTOP (kΩ)
RBOT (kΩ)
RC (kΩ)
CC (pF)
CCP (pF)
300
12
1
0.82
680
10
15
21
2700
330
12
1.2
1
470
10
10
18
2700
270
12
1.5
1
5 × 100
15
10
15
2700
39
12
1.8
1.2
5 × 100
20
10
18
2700
33
12
2.5
1.5
3 × 100
47.5
15
15
2700
22
12
3.3
2.2
3 × 100
10
2.21
20
2700
18
12
5
2.2
100
22
3
10
2700
10
5
1
0.68
470
10
15
15
2700
330
5
1.2
0.82
470
10
10
18
2700
270
5
1.5
0.82
5 × 100
15
10
12
2700
39
5
1.8
1
4 × 100
20
10
15
2700
33
5
2.5
1
2 × 100
47.5
15
10
2700
22
5
3.3
1
2 × 100
10
2.21
12
2700
18
600
12
1.2
0.47
4 × 100
10
10
18
1200
27
12
1.5
0.47
3 × 100
15
10
18
1200
22
12
1.8
0.68
3 × 100
20
10
21
1200
18
12
2.5
0.82
2 × 100
47.5
15
20
1200
12
12
3.3
1
100
10
2.21
12
1200
10
12
5
1.2
100
22
3
20
1200
6.8
5
1
0.47
5 × 100
10
15
20
1200
33
5
1.2
0.47
4 × 100
10
10
18
1200
27
5
1.5
0.47
3 × 100
15
10
18
1200
22
5
1.8
0.47
2 × 100
20
10
14
1200
18
5
2.5
0.47
100
47.5
15
10
1200
12
5
3.3
0.47
100
10
2.21
12
1200
10
1200
12
2.5
0.47
100
47.5
15
20
680
6.8
12
3.3
0.47
47
10
2.21
12
680
4.7
12
5
0.68
47
22
3
18
680
3.3
5
1
0.13
2 × 100
10
15
15
680
12
5
1.2
0.24
2 × 100
10
10
18
680
12
5
1.5
0.24
2 × 100
15
10
22.1
680
10
5
1.8
0.24
100
20
10
14
680
8.2
5
2.5
0.24
47
47.5
15
9.1
680
6.8
5
3.3
0.24
47
10
2.21
12
680
4.7
1
680 µF: 6.3 V, KEMET T530X687M006ATE010; 470 µF: 6.3 V, KEMET T520X477M006ATE010; 100 µF: 6.3 V, X5R, Murata GRM32ER60J107ME20; 47 µF: 6.3 V, X5R, Murata
GRM32ER60J476ME20.
Rev. 0 | Page 19 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com