Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2389 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2389
Description  18 V, 12 A Step-Down Regulator with Programmable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2389 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2389 Datasheet HTML 9Page - Analog Devices ADP2389 Datasheet HTML 10Page - Analog Devices ADP2389 Datasheet HTML 11Page - Analog Devices ADP2389 Datasheet HTML 12Page - Analog Devices ADP2389 Datasheet HTML 13Page - Analog Devices ADP2389 Datasheet HTML 14Page - Analog Devices ADP2389 Datasheet HTML 15Page - Analog Devices ADP2389 Datasheet HTML 16Page - Analog Devices ADP2389 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
ADP2389/ADP2390
SOFT START
The SS pin programs the soft start time. Place a capacitor
between the SS pin and GND; an internal current charges this
capacitor to establish the soft start ramp. Calculate the soft start
time using the following equation:
SS
SS
SS
I
C
V
t
×
= 6
.
0
where:
CSS is the soft start capacitance.
ISS is the soft start pull-up current (3.4 µA).
If the output voltage is precharged before power-up, the ADP2389/
ADP2390 prevent the low-side MOSFET from turning on until
the soft start voltage exceeds the voltage on the FB pin.
FAST TRANSIENT RESPONSE
The ADP2389/ADP2390 use the FTW pin to set the fast transient
response window. Place a resistor (RFTW) between the FTW pin
and GND to program the window. Calculate the window
threshold using the following equation:
( ) %
1
kΩ
200
+
=
FTW
R
Threshold
Window
If the output voltage is greater than the setting window, the fast
transient response is enabled. The fast transient response
function is disabled if the FTW pin is open and the minimum
window is 1%.
To avoid false trigger of the fast transient, the window threshold
must be 2× greater than the output ripple.
POWER GOOD
The power-good (PGOOD) pin is an active high, open-drain
output that requires an external resistor to pull it up to a voltage. A
logic high on the PGOOD pin indicates that the voltage at the
FB pin (and thus the output voltage) is within ±10% of the desired
value, and there is a 16 cycle waiting period before PGOOD is
pulled high. A logic low indicates that the voltage at the FB pin
is out of ±10% of the desired value, and there is a 16-cycle
waiting period before PGOOD is pulled low.
PEAK CURRENT-LIMIT AND SHORT-CIRCUIT
PROTECTION
The ADP2389/ADP2390 have a cycle-by-cycle peak current-
limit protection circuit to prevent current runaway. A resistor
(RILIM) from the ILIM pin to GND programs the peak current-
limit threshold according to the following equation:
0.5
)
(k
1000
(A)
+
Ω
=
ILIM
OCP
R
I
For protection against heavy loads, the ADP2389/ADP2390 use
a hiccup mode for overcurrent protection. When the inductor T
turns off and the low-side MOSFET turns on until the next
cycle. The overcurrent counter increments during this process.
If the overcurrent counter reaches four or the FB pin voltage falls
to 0.2 V after the soft start, the device enters hiccup mode. During
hiccup mode, the high-side MOSFET and the low-side both turn
off. The device remains in this mode for seven soft start times and
then attempts to restart from soft start. If the current-limit fault is
cleared, the device resumes normal operation; otherwise, it
reenters hiccup mode.
In some cases, the input voltage (PVIN) ramp rate is too slow,
or the output capacitor is too large for the output to reach
regulation during the soft start process, which causes the
regulator to enter hiccup mode. To avoid such cases, use a
resistor divider at the EN pin to program the input voltage
UVLO, or use a longer soft start time.
OVERVOLTAGE PROTECTION (OVP)
The ADP2389/ADP2390 include an OVP feature that protects
the regulator against an output short to a higher voltage supply
or against a strong load disconnect transient. If the feedback
voltage increases to 0.7 V, the internal high-side MOSFET and
low-side MOSFET turn off until the voltage at FB decreases to
0.63 V. At that time, the ADP2389/ADP2390 resumes normal
operation.
UNDERVOLTAGE LOCKOUT (UVLO)
The undervoltage lockout (UVLO) threshold is 4.2 V with a 0.5 V
hysteresis, which prevents power-on glitches from occurring.
When the VIN voltage rises above 4.2 V, the device enables and
the soft start period initiates. When the VIN voltage drops
below 3.7 V, the device turns off.
THERMAL SHUTDOWN
In the event that the ADP2389/ADP2390 junction temperatures
rises above 150°C, the internal thermal shutdown circuit turns
off the regulator for self protection. Extreme junction temperatures
can be the result of high current operation, poor circuit board
thermal design, and/or high ambient temperature. A 25°C
hysteresis is included in the thermal shutdown circuit so that if an
overtemperature event occurs, the ADP2389/ADP2390 does
not return to normal operation until the on-chip temperature
drops below 125°C. Upon recovery, a soft start initiates before
normal operation.
Rev. 0 | Page 13 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com