Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5054ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5054ACPZ-R7
Description  Quad Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5054ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5054ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Data Sheet
ADP5054
Rev. B | Page 11 of 31
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
fSW = 250kHz
fSW = 600kHz
fSW = 1MHz
IOUT (A)
Figure 10. Channel 3/Channel 4 Efficiency Curve, VIN = 12 V, VOUT = 1.8 V,
FPWM Mode
IOUT (A)
0
10
20
30
40
50
60
70
80
90
100
01
0.1
1
10
VOUT = 1.2V FPWM
VOUT = 1.8V FPWM
VOUT = 3.3V FPWM
VOUT = 1.2V PWM/PSM
VOUT = 1.8V PWM/PSM
VOUT = 3.3V PWM/PSM
Figure 11. Channel 3/Channel 4 Efficiency Curve, VIN = 12 V, fSW = 600 kHz,
FPWM and Automatic PWM/PSM Modes
0.790
0.795
0.800
0.805
0.810
–50
–20
10
40
70
100
130
TEMPERATURE (°C)
Figure 12. 0.8 V Feedback Voltage Accuracy vs. Temperature
for Channel 1, Adjustable Output Model
450
500
550
600
650
700
750
–50
–20
10
40
70
100
130
TEMPERATURE (°C)
Figure 13. Frequency vs. Temperature, VIN = 12 V, fSW = 600 kHz
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–50
0
50
100
TEMPERATURE (°C)
Figure 14. Quiescent Current vs. Temperature (Includes PVIN1, PVIN2,
PVIN3, and PVIN4)
TEMPERATURE (°C)
10
15
20
25
30
35
40
45
50
–50
–20
10
40
70
100
130
VIN = 4.5V
VIN = 12V
VIN = 15V
Figure 15. Shutdown Current vs. Temperature (EN1, EN2, EN3, and EN4 Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com