Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5054ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5054ACPZ-R7
Description  Quad Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5054ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5054ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Data Sheet
ADP5054
Rev. B | Page 17 of 31
Table 9. CFG34 Configuration (Channel 3, Channel 4, and SYNC/MODE)1
RTOP (kΩ)
RBOT (kΩ)
Channel 3
Channel 4
Parallel or Individual
Operation
SYNC/MODE
or Clock Out
Soft Start (ms)
Frequency (kHz)
Soft Start (ms)
Frequency (kHz)
0
N/A
16
1 × fSW
16
1 × fSW
Individual
SYNC/MODE
100
600
16
½ × fSW
16
½ × fSW
Individual
SYNC/MODE
200
500
2
½ × fSW
2
1 × fSW
Individual
SYNC/MODE
300
400
16
½ × fSW
N/A
N/A
Parallel
SYNC/MODE
400
300
2
1 × fSW
N/A
N/A
Parallel
SYNC/MODE
500
200
16
1 × fSW
N/A
N/A
Parallel
Clock out
(FPWM)
600
100
2
1 × fSW
2
1 × fSW
Individual
Clock out
(FPWM)
N/A
0
2
1 × fSW
2
1 × fSW
Individual
SYNC/MODE
1
N/A means not applicable.
SOFT START
The buck regulators in the ADP5054 include soft start circuitry
that ramps the output voltage in a controlled manner during
startup, thereby limiting the inrush current. The soft start time
is typically fixed at 2 ms for each buck regulator when the
CFG12 and CFG34 pins are tied to ground.
To set the soft start time to a value of 2 ms or 16 ms, connect a
resistor divider from the CFG12 pin or the CFG34 pin to the
VREG pin and ground (see Figure 34). This configuration may
be required to accommodate a specific start-up sequence or an
application with a large output capacitor.
LEVEL DETECTOR
AND DECODER
VREG
TOP
RESISTOR
BOTTOM
RESISTOR
CFG12
OR
CFG34
Figure 34. Level Detector Circuit for Soft Start
The CFG12 pin can be used to program the soft start time, ½×
frequency setting, and parallel operation for Channel 1 and
Channel 2. The CFG34 pin can be used to program the soft
start time, ½× frequency setting, parallel operation, and clock
output feature for Channel 3 and Channel 4. Table 8 and Table 9
provide the values of the resistors needed to set the soft start time.
PARALLEL OPERATION
The ADP5054 supports two-phase parallel operation of Channel 1
and Channel 2 to provide a single output with up to 12 A of
current, and two-phase parallel operation of Channel 3 and
Channel 4 to provide a single output with up to 5 A of current.
To configure a two-phase single output in parallel operation,
take the following steps (see Figure 35):
Use the CFG12 pin (or CFG34 pin) to select parallel
operation as specified in Table 8 and Table 9.
Leave the COMP2 pin (or COMP4 pin) open.
Use the FB1 pin (or FB3 pin) to set the output voltage.
Connect the FB2 pin (or FB4 pin) to ground (FB2 or FB4
is ignored).
Connect the EN2 pin (or EN4 pin) to ground (EN2 or EN4
is ignored).
CHANNEL 1
BUCK
(4A)
CHANNEL 2
BUCK
(4A)
FB1
PVIN1
VOUT
(UP TO 12A)
VIN
EN1
EN2
COMP1
CFG12
SW1
L1
FB2
SW2
L2
PVIN2
COMP2
VREG
Figure 35. Parallel Operation for Channel 1 and Channel 2
The following considerations apply when two channels are
operated in parallel configuration.
The input voltages and current-limit settings for both
channels must be the same.
Both channels must be operated in FPWM mode.
Current balance in parallel configuration is well regulated by
the internal control loop. Figure 36 shows the Channel 1 and
Channel 2 typical current balance matching in parallel output
configuration. Figure 37 shows the Channel 3 and Channel 4
current balance matching in parallel output configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com