Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5054ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5054ACPZ-R7
Description  Quad Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5054ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5054ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
ADP5054
Data Sheet
Rev. B | Page 22 of 31
The output voltage ripple is determined by the effective series
resistance (ESR) of the output capacitor and its capacitance
value. Use the following equations to select a capacitor that can
meet the output ripple requirements:
RIPPLE
OUT
SW
L
RIPPLE
OUT
V
f
I
C
_
_
8
∆
×
×
∆
=
L
RIPPLE
OUT
ESR
I
V
R
∆
∆
=
_
where:
ΔVOUT_RIPPLE is the allowable output voltage ripple.
RESR is the equivalent series resistance of the output capacitor.
Select the largest output capacitance given by COUT_UV, COUT_OV,
and COUT_RIPPLE to meet both load transient and output ripple
requirements.
The selected output capacitor voltage rating must be greater
than the output voltage. The minimum rms current rating of
the output capacitor is determined by the following equation:
12
_
L
C
I
I
RMS
OUT
∆
=
INPUT CAPACITOR SELECTION
The input decoupling capacitor attenuates high frequency noise
on the input and acts as an energy reservoir. This capacitor must be
a ceramic capacitor and must be placed close to the PVINx pins.
The loop composed of the input capacitor, the high-side NFET,
and the low-side NFET must be kept as small as possible. The
voltage rating of the input capacitor must be greater than the
maximum input voltage. The rms current rating of the input
capacitor must be larger than the following equation:
(
)
D
D
I
I
OUT
C RMS
IN
−
×
×
=
1
_
where D is the duty cycle (D = VOUT/VIN).
LOW-SIDE POWER DEVICE SELECTION
Channel 1 and Channel 2 have integrated low-side MOSFET
drivers, which can drive the low-side N-channel MOSFETs
(NFETs). The selection of the low-side N-channel MOSFET
affects the buck regulator performance.
The selected MOSFET must meet the following requirements:
•
The drain source voltage (VDS) must be higher than 1.2 × VIN.
•
The drain current (ID) must be greater than 1.2 × ILIMIT_MAX,
where ILIMIT_MAX is the selected maximum current-limit
threshold.
•
The selected MOSFET can be fully turned on at VGS = 4.5 V.
•
Total gate charge (QG at VGS = 4.5 V) must be less than 35 nC.
Lower QG characteristics provide higher efficiency.
When the high-side MOSFET is turned off, the low-side MOSFET
supplies the inductor current. For low duty cycle applications,
the low-side MOSFET supplies the current for most of the
period. To achieve higher efficiency, it is important to select a
MOSFET with low on resistance. The power conduction loss for
the low-side MOSFET can be calculated using the following
equation:
PFET_LOW = IOUT2 × RDSON × (1 − D)
where:
RDSON is the on resistance of the low-side MOSFET.
D is the duty cycle (D = VOUT/VIN).
Table 12 lists recommended dual MOSFETs for various current-
limit settings. Ensure that the MOSFET can handle thermal
dissipation due to power loss.
Table 12. Recommended Dual MOSFETs
Vendor
Part No.
VDS
(V)
ID
(A)
RDSON
(mΩ)
QG
(nC)
Size
(mm)
Infineon
BSC072N03LD
30
20
7.2
15
5 × 6
BSO220N03MD
30
7.7
27
3.8
5 × 6
Vishay
Si4204DY
20
20
6
14.5
5 × 6
Si7232DN
20
25
16.4
12
3 × 3
SiA906EDJ
20
4.5
46
3.5
2 × 2
Fairchild
FDMA1024
20
5.0
54
5.2
2 × 2
FDMB3900
25
7.0
33
11
3 × 2
PROGRAMMING THE UVLO INPUT
The precision enable input can be used to program the UVLO
threshold of the input voltage, as shown in Figure 29. To limit
the degradation of the input voltage accuracy due to the internal
1 MΩ pull-down resistor tolerance, ensure that the bottom
resistor in the divider is not too large; a value of less than 50 kΩ
is recommended.
The precision turn-on threshold is 0.811 V. The resistive voltage
divider for the programmable VIN start-up voltage is calculated
as follows:
VIN_STARTUP = (0.8 nA + (0.811 V/RBOT_EN)) × (RTOP_EN + RBOT_EN)
where:
RTOP_EN is the resistor from VIN to ENx.
RBOT_EN is the resistor from ENx to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com