Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5054ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5054ACPZ-R7
Description  Quad Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5054ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5054ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Data Sheet
ADP5054
Rev. B | Page 23 of 31
COMPENSATION COMPONENTS DESIGN
For the peak current-mode control architecture, the power stage
can be simplified as a voltage controlled current source that
supplies current to the output capacitor and load resistor. The
simplified loop is composed of one domain pole and a zero
contributed by the output capacitor ESR. The control-to-output
transfer function is shown in the following equations:
×
π
×
+
×
π
×
+
×
×
=
=
p
z
VI
COMP
OUT
vd
f
s
f
s
R
A
s
V
s
V
s
G
2
1
2
1
)
(
)
(
)
(
OUT
ESR
z
C
R
f
×
×
π
×
=
2
1
(
)
OUT
ESR
p
C
R
R
f
×
+
×
π
×
=
2
1
where:
AVI = 20 A/V for Channel 1 or Channel 2, and 6.66 A/V for
Channel 3 or Channel 4.
R is the load resistance.
RESR is the equivalent series resistance of the output capacitor.
COUT is the output capacitance.
The ADP5054 uses a transconductance amplifier as the error
amplifier to compensate the system. Figure 39 shows the
simplified, peak current-mode control, small signal circuit.
RESR
R
+
–
g
m
RC
CCP
COUT
CC
RTOP
RBOT
–
+
AVI
VOUT
VCOMP
VOUT
Figure 39. Simplified, Peak Current-Mode Control, Small Signal Circuit
The compensation components, RC and CC, contribute a zero,
and the optional CCP and RC contribute an optional pole.
The closed-loop transfer equation is as follows:
)
(
1
1
)
(
s
G
s
C
C
C
C
R
s
s
C
R
C
C
g
R
R
R
s
T
vd
CP
C
CP
C
C
C
C
CP
C
m
TOP
BOT
BOT
V
×


×
+
×
×
+
×
×
×
+
×
+
−
×
+
=
The following guidelines show how to select the compensation
components (RC, CC, and CCP) for ceramic output capacitor
applications.
1. Determine the cross frequency (fC). Generally, fC is
between fSW/12 and fSW/6.
2. RC can be calculated using the following equation:
VI
m
C
OUT
OUT
C
A
g
f
C
V
R
×
×
×
×
×
π
×
=
V
8
.
0
2
3. Place the compensation zero at the domain pole (fP).
CC can be determined as follows:
(
)
C
OUT
ESR
C
R
C
R
R
C
×
+
=
4. CCP is optional. It can be used to cancel the zero caused by
the ESR of the output capacitor.
C
OUT
ESR
CP
R
C
R
C
×
=
POWER DISSIPATION
The total power dissipation in the ADP5054 simplifies to
PD = PBUCK1 + PBUCK2 + PBUCK3 + PBUCK4
Buck Regulator Power Dissipation
The power dissipation (PLOSS) for each buck regulator includes
power switch conductive losses (PCOND), switching losses (PSW),
and transition losses (PTRAN). Other sources of power dissipation
exist, but these sources are generally less significant at the high
output currents of the application thermal limit.
Use the following equation to estimate the power dissipation of
the buck regulator:
PLOSS = PCOND + PSW + PTRAN
Power Switch Conduction Loss (PCOND)
Power switch conduction losses are caused by the flow of output
current through both the high-side and low-side power
switches, each of which has its own internal on resistance
(RDS(ON)).
Use the following equation to estimate the power switch
conduction loss:
PCOND = (RDS(ON)_HS × D + RDS(ON)_LS × (1 − D)) × IOUT2
where:
RDS(ON)_HS is the high-side MOSFET on resistance.
RDS(ON)_LS is the low-side MOSFET on resistance.
D is the duty cycle (D = VOUT/VIN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com