Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5054ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP5054ACPZ-R7
Description  Quad Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5054ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP5054ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Data Sheet
ADP5054
Rev. B | Page 25 of 31
DESIGN EXAMPLES
This section provides an example of the step-by-step design
procedures and the external components required for Channel 1.
Table 13 lists the design requirements for this example.
Table 13. Example Design Requirements for Channel 1
Parameter
Specification
Input Voltage
VPVIN1 = 12 V ± 5%
Output Voltage
VOUT1 = 1.2 V
Output Current
IOUT1 = 4 A
Output Ripple
ΔVOUT1_RIPPLE = 12 mV in CCM mode
Load Transient
±5%, at 20% to 80% load transient, 1 A/µs
Although this example shows step-by-step design procedures
for Channel 1, the procedures also apply to all other buck
regulator channels (Channel 2 to Channel 4).
SETTING THE SWITCHING FREQUENCY
The first step is to determine the switching frequency for the
ADP5054 design. In general, higher switching frequencies
produce a smaller solution size due to the lower component
values required, whereas lower switching frequencies result in
higher conversion efficiency due to lower switching losses.
The switching frequency of the ADP5054 can be set to a value
from 250 kHz to 2 MHz by connecting a resistor from the RT pin
to ground. The selected resistor allows users to make decisions
based on the trade-off between efficiency and solution size. (For
more information, see the Oscillator section.) However, the
highest supported switching frequency must be assessed by
checking the voltage conversion limitations enforced by the
minimum on time and the minimum off time (see the Voltage
Conversion Limitations section).
In this design example, a switching frequency of 600 kHz is used
to achieve a good combination of small solution size and high
conversion efficiency. To set the switching frequency to 600 kHz,
use the following equation to calculate the resistor value, RRT:
RRT (kΩ) = [14,822/fSW (kHz)]1.081
Therefore, select standard resistor RRT = 31.6 kΩ.
SETTING THE OUTPUT VOLTAGE
Select a 10 kΩ bottom resistor (RBOT) and then calculate the top
feedback resistor using the following equation:
RBOT = RTOP × (VREF/(VOUT − VREF))
where:
VOUT is the output voltage.
VREF is 0.8 V for Channel 1 to Channel 4, and 0.5 V for Channel 5.
To set the output voltage to 1.2 V, choose the following resistor
values: RTOP1 = 4.99 kΩ, RBOT1 = 10 kΩ.
SETTING THE CURRENT LIMIT
For 4 A output current operation, the typical peak current limit
is 6.9 A. For this example, choose RILIM1 = floating (see Table 10).
For more information, see the Current-Limit Protection section.
SELECTING THE INDUCTOR
The peak-to-peak inductor ripple current, ΔIL, is set to 35% of
the maximum output current. Use the following equation to
estimate the value of the inductor:
SW
L
OUT
IN
f
I
D
V
V
L
×
×
=
)
(
where:
VIN = 12 V.
VOUT = 1.2 V.
D is the duty cycle (D = VOUT/VIN = 0.1).
ΔIL = 35% × 4 A = 1.4 A.
fSW = 600 kHz.
The resulting value for L1 is 1.28 µH. The closest standard
inductor value is 1.5 µH; therefore, the inductor ripple current,
ΔIL1, is 1.2 A.
The inductor peak current is calculated using the following
equation:
IPEAK = IOUT + (ΔIL/2)
The calculated peak current for the inductor is 4.6 A.
The rms current of the inductor can be calculated using the
following equation:
12
2
2
L
OUT
RMS
I
I
I
+
=
The rms current of the inductor is approximately 4.02 A.
Therefore, an inductor with a minimum rms current rating of
4.02 A and a minimum saturation current rating of 4.6 A is
required. However, to prevent the inductor from reaching its
saturation point in current-limit conditions, it is recommended
that the inductor saturation current be higher than the
maximum peak current limit, typically 6 A, for reliable
operation.
Based on these requirements and recommendations, the
Coilcraft XAL5030-122, with a DCR of 8.5 mΩ, is selected for
this design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com