Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5054ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5054ACPZ-R7
Description  Quad Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5054ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5054ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Data Sheet
ADP5054
Rev. B | Page 19 of 31
Note that careful design and proper component selection are
required to ensure that the buck regulator recovers from hiccup
mode under heavy loads. The hiccup detection can be disabled
by the factory fuse for each buck regulator. When hiccup
detection is disabled, the frequency foldback feature is still
used for overcurrent protection.
LATCH-OFF PROTECTION
The buck regulators in the ADP5054 have an optional latch-off
mode to protect the device from serious problems such as
short-circuit conditions. Latch-off mode can be enabled via
the factory fuse.
Short-Circuit Latch-Off Mode
Short-circuit latch-off mode is enabled by the factory fuse. When
short-circuit latch-off mode is enabled and the protection circuit
detects an overcurrent status after a soft start, the buck regulator
enters hiccup mode and attempts to start up again. If seven
continuous retry attempts are made and the regulator remains
in the fault condition, the regulator is shut down. This shutdown
(latch-off) condition is cleared only by reenabling the channel
or by resetting the channel power supply.
The operation of short-circuit latch-off protection is shown in
Figure 38.
OUTPUT
VOLTAGE
TIME
LATCH-OFF
LATCH OFF
THIS
REGULATOR
SHORT CIRCUIT DETECTED
BY COUNTER OVERFLOW
PWRGD
7 ×
tSS
SCP LATCH-OFF
FUNCTION ENABLED AFTER
7 RETRY ATTEMPTS
ATTEMPT TO
RESTART
Figure 38. Short-Circuit Latch-Off Detection
Note that short-circuit latch-off mode does not work if hiccup
detection is disabled.
UNDERVOLTAGE LOCKOUT (UVLO)
Undervoltage lockout circuitry monitors the input voltage level
of each buck regulator in the ADP5054. If any input voltage
(PVINx pin) falls below 3.79 V (typical), the corresponding
channel is turned off. After the input voltage rises above 4.22 V
(typical), the soft start period is initiated, and the corresponding
channel is enabled when the ENx pin is high.
Note that a UVLO condition on Channel 1 (PVIN1 pin) has a
higher priority than a UVLO condition on other channels,
which means that the PVIN1 supply must be available before
other channels can be operated.
POWER-GOOD FUNCTION
The ADP5054 includes an open-drain power-good output
(PWRGD pin) that becomes active high when the Channel 1
buck regulators are operating normally.
A high status on the PWRGD pin indicates that the regulated
output voltage of the buck regulator is above 90.5% (typical) of
its nominal output. When the regulated output voltage of the
buck regulator falls below 87.2% (typical) of its nominal output
for a delay time greater than approximately 50 µs, the status of
the PWRGD pin is set low.
The PWRGD pin can be programmed by the factory fuse to
indicate the outputs of other specific channels.
THERMAL SHUTDOWN
If the ADP5054 junction temperature exceeds 150°C, the
thermal shutdown (TSD) circuit turns off the IC except for the
internal linear regulator. Extreme junction temperatures can be
the result of high current operation, poor circuit board design, or
high ambient temperature. A 15°C hysteresis is included so that
the ADP5054 does not return to operation after thermal
shutdown until the on-chip temperature falls below 135°C.
When the device exits thermal shutdown, a soft start is initiated
for each enabled channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com