Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5054ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP5054ACPZ-R7
Description  Quad Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5054ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP5054ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5054ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
ADP5054
Data Sheet
Rev. B | Page 20 of 31
APPLICATIONS INFORMATION
ADIsimPOWER DESIGN TOOL
The ADP5054 is supported by the ADIsimPower™ design tool
set. ADIsimPower is a collection of tools that produces complete
power designs optimized for a specific design goal. The tools
enable the user to generate a full schematic and bill of materials
and to calculate performance in minutes. ADIsimPower can
optimize designs for cost, area, efficiency, and part count while
taking into consideration the operating conditions and limitations
of the IC and all real external components. The ADIsimPower
tool can be found at www.analog.com/ADIsimPower; the user
can request an unpopulated board through the tool.
PROGRAMMING THE OUTPUT VOLTAGE
The output voltage of the ADP5054 is externally set by a
resistive voltage divider from the output voltage to the FBx pin.
To limit the degradation of the output voltage accuracy due to FBx
bias current, ensure that the bottom resistor in the divider is not
too large; a value of less than 200 kΩ is recommended.
The equation for the output voltage setting is
VOUT = VREF × (1 + (RTOP/RBOT))
where:
VOUT is the output voltage.
VREF is the 0.8 V feedback reference voltage.
RTOP is the feedback resistor from VOUT to FBx.
RBOT is the feedback resistor from FBx to ground.
No resistor divider is required in the fixed output options. Each
channel can be programmed to have a specific output voltage
over a specific range (see Table 14). If a different fixed output
voltage is required, contact your local Analog Devices sales or
distribution representative.
VOLTAGE CONVERSION LIMITATIONS
For a given input voltage, upper and lower limitations on the
output voltage exist due to the minimum on time and the
minimum off time.
The minimum output voltage for a given input voltage and
switching frequency is limited by the minimum on time. The
minimum on time for Channel 1 and Channel 2 is 115 ns
(typical); the minimum on time for Channel 3 and Channel 4
is 95 ns (typical). The minimum on time increases at higher
junction temperatures.
Note that in forced PWM mode, Channel 1 and Channel 2 can
potentially exceed the nominal output voltage when the
minimum on time limit is exceeded. Careful switching
frequency selection is required to avoid this problem.
The minimum output voltage in FPWM mode for a given input
voltage and switching frequency can be calculated using the
following equation:
VOUT_MIN = VIN × tMIN_ON × fSW − (RDSON1 − RDSON2) ×
IOUT_MIN × tMIN_ON × fSW − (RDSON2 + RL) × IOUT_MIN
(1)
where:
VOUT_MIN is the minimum output voltage.
tMIN_ON is the minimum on time.
fSW is the switching frequency.
RDSON1 is the high-side MOSFET on resistance.
RDSON2 is the low-side MOSFET on resistance.
IOUT_MIN is the minimum output current.
RL is the resistance of the output inductor.
The maximum output voltage for a given input voltage and
switching frequency is limited by the minimum off time and
the maximum duty cycle. Note that the frequency foldback
feature helps to increase the effective maximum duty cycle by
lowering the switching frequency, thereby decreasing the
dropout voltage between the input and output voltages (see
the Frequency Foldback section).
The maximum output voltage for a given input voltage and
switching frequency can be calculated using the following equation:
VOUT_MAX = VIN × (1 − tMIN_OFF × fSW) − (RDSON1 − RDSON2) ×
IOUT_MAX × (1 − tMIN_OFF × fSW) − (RDSON2 + RL) × IOUT_MAX (2)
where:
VOUT_MAX is the maximum output voltage.
tMIN_OFF is the minimum off time.
fSW is the switching frequency.
RDSON1 is the high-side MOSFET on resistance.
RDSON2 is the low-side MOSFET on resistance.
IOUT_MAX is the maximum output current.
RL is the resistance of the output inductor.
As shown in Equation 1 and Equation 2, reducing the switching
frequency eases the minimum on time and minimum off time
limitations.
CURRENT-LIMIT SETTING
The ADP5054 has three selectable current-limit thresholds for
Channel 1 and Channel 2. Ensure that the selected current-limit
value is larger than the peak current of the inductor, IPEAK. See
Table 10 for the current-limit configurations for Channel 1 and
Channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com