Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041PAP Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB4041PAP
Description  TUSB4041PAP Evaluation Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB4041PAP Datasheet(HTML) 4 Page - Texas Instruments

  TUSB4041PAP Datasheet HTML 1Page - Texas Instruments TUSB4041PAP Datasheet HTML 2Page - Texas Instruments TUSB4041PAP Datasheet HTML 3Page - Texas Instruments TUSB4041PAP Datasheet HTML 4Page - Texas Instruments TUSB4041PAP Datasheet HTML 5Page - Texas Instruments TUSB4041PAP Datasheet HTML 6Page - Texas Instruments TUSB4041PAP Datasheet HTML 7Page - Texas Instruments TUSB4041PAP Datasheet HTML 8Page - Texas Instruments TUSB4041PAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Hardware Overview
www.ti.com
2.3
Optional Serial EEPROM
Each TUSB4041PAPEVM is equipped with an onboard EEPROM/socket placeholder, U2. A small I
2C
EEPROM can be installed to set the configuration registers as defined in the TUSB4041 data manual
(SLLSEK3A). In its default setting, the EVM does not have an EEPROM installed and instead uses the
configuration inputs to determine any optional settings of the TUSB4041.
The EEPROM interface defaults to programmable (not write-protected) so that any installed EEPROM’s
contents may be modified to test various settings. If an EEPROM data change is required, the values may
be changed using the register access methods outlined in the TUSB4041 data sheet. In addition, a
Microsoft® Windows® based EEPROM utility is available upon request.
2.4
Power
The TUSB4041PAPEVM operates from the power provided by a 5-V wall power adapter, J6, or bus power
supplied by a USB host. It is recommended to use a wall power adapter that is capable of sourcing 4 A to
5 A because the hub must be able to source significant power on its downstream ports (500 mA per port).
The TUSB4041PAPEVM uses a single-channel LDO voltage regulator to drop 5 V to 3.3 V. The
TPS7A4533, U4, is a 1.5-A output linear regulator (SLVS720). The 1.1-V core voltage required by the
TUSB4041 is sourced by the 3.3-V rail to reduce unnecessary heat dissipation. The TPS74801, U6, is a
1.5-A output single-channel LDO linear regulator (SBVS074). Both regulators require few external passive
components and are appropriately rated for heat dissipation.
2.5
Hub Configuration
The TUSB4041PAPEVM can be configured by setting several inputs to the TUSB4041 that are sampled
at power-on reset or using an optional serial EEPROM or SMBUS host. A production implementation
without EEPROM or SMBUS could either rely on the default internal pullup or pulldown resistor for each
configuration input or over-ride it with an external pullup or pulldown resistor. The settings can be modified
using SW1 and SW2 on the EVM. Descriptions of the possible configuration changes are included in
Section 3.1.
2.6
Optional Circuitry
The following list provides the optional circuitry available on the TUSB4041PAPEVM:
•
D4 – Indicates BOARD_3P3V is active
•
The switch (SW1, SW2) and headers (J8, JP6) provided on the TUSB4041PAPEVM are intended for
lab evaluation only and are not required for production designs.
4
TUSB4041PAP Evaluation Module
SLLU227 – September 2015
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com