Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041PAP Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB4041PAP
Description  TUSB4041PAP Evaluation Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB4041PAP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB4041PAP Datasheet HTML 5Page - Texas Instruments TUSB4041PAP Datasheet HTML 6Page - Texas Instruments TUSB4041PAP Datasheet HTML 7Page - Texas Instruments TUSB4041PAP Datasheet HTML 8Page - Texas Instruments TUSB4041PAP Datasheet HTML 9Page - Texas Instruments TUSB4041PAP Datasheet HTML 10Page - Texas Instruments TUSB4041PAP Datasheet HTML 11Page - Texas Instruments TUSB4041PAP Datasheet HTML 12Page - Texas Instruments TUSB4041PAP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
USB_DM_UP
1
USB_DP_UP
1
USB_VBUS_UP
1
R15
1M
0402
5%
C35
10uF
C38
0.1uF
D1
LED Green 0805
C39
0.001uF
R16
330
0402
5%
+5V
DM
DP
GND
J1
Type B USB-Shield
3
1
2
4
8
7
DN4_VBUS
VBUS_DS4
USB_DM_DN4
1
USB_DP_DN4
1
DN4_VBUS
3
+5V
DM
DP
GND
J2
Type A USB-Shield
3
1
2
4
7
8
R17
1M
0402
5%
C46
0.1uF
C40
0.1uF
C47
0.001uF
FB3
220 @ 100MHZ
VBUS_DS2
DN2_VBUS
USB_DM_DN2
1
USB_DP_DN2
1
DN2_VBUS
3
C48
0.1uF
C49
0.001uF
FB4
220 @ 100MHZ
R18
1M
0402
5%
C41
0.1uF
+5V
DM
DP
GND
J3
Type A USB-Shield
3
1
2
4
7
8
DN1_VBUS
VBUS_DS1
USB_DM_DN1
1
USB_DP_DN1
1
DN1_VBUS
3
+5V
DM
DP
GND
J4
Type A USB-Shield
3
1
2
4
7
8
C56
0.1uF
C57
0.001uF
C50
0.1uF
FB5
220 @ 100MHZ
R19
1M
0402
5%
DN3_VBUS
VBUS_DS3
USB_DM_DN3
1
USB_DP_DN3
1
DN3_VBUS
3
+5V
DM
DP
GND
J5
Type A USB-Shield
3
1
2
4
7
8
C58
0.1uF
C59
0.001uF
C51
0.1uF
FB6
220 @ 100MHZ
R20
1M
0402
5%
www.ti.com
TUSB4041PAPEVM Schematics
Figure 3. TUSB4041PAPEVM USB2 Connector Schematics
9
SLLU227 – September 2015
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com