Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041PAP Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB4041PAP
Description  TUSB4041PAP Evaluation Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB4041PAP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB4041PAP Datasheet HTML 2Page - Texas Instruments TUSB4041PAP Datasheet HTML 3Page - Texas Instruments TUSB4041PAP Datasheet HTML 4Page - Texas Instruments TUSB4041PAP Datasheet HTML 5Page - Texas Instruments TUSB4041PAP Datasheet HTML 6Page - Texas Instruments TUSB4041PAP Datasheet HTML 7Page - Texas Instruments TUSB4041PAP Datasheet HTML 8Page - Texas Instruments TUSB4041PAP Datasheet HTML 9Page - Texas Instruments TUSB4041PAP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
EVM Installation
www.ti.com
SW2_3 (off):
PWRCTL_POL_TDO Switch. The TUSB4041 has an internal pulldown on this terminal,
so port power control polarity defaults to active high. If the switch is set to the ON
position, the terminal is pulled high and the port power control polarity changes to active
low.
SW2_4 (on):
FULLPWRMGMTZ. The TUSB4041 has an internal pullup on this terminal, so the
TUSB4041 defaults to a non-full power management mode. If the switch is set to the ON
position, the terminal is pulled low and full power management mode is enabled. This
means that the TUSB4041 reports that it supports downstream port power switching in
the USB descriptors it sends to the USB host. Since the TUSB4041PAPEVM does
implement downstream port power switching, full power management mode should be
enabled.
SW2_5 (off):
SCL_SMBCLK Switch. The TUSB4041 has an internal pulldown on this terminal, so the
serial EEPROM/SMBUS interface is disabled. If the switch is set to the ON position, a
pullup resistor is connected to the serial clock terminal to indicate that an I
2C EEPROM
may be attached (along with a pullup resistor on SDA).
SW2_6 (off):
SDA_SMBDAT Switch. The TUSB4041 has an internal pulldown on this terminal, so the
serial EEPROM/SMBUS interface is disabled. If the switch is set to the ON position, a
pullup resistor is connected to the serial clock terminal to indicate that an I
2C EEPROM
may be attached (along with a pullup resistor on SCL).
SW2_7 (NC):
Not connected
SW2_8 (NC):
Not connected
4
EVM Installation
To install the EVM, perform the following steps:
1. Attach a 5-V, 3-A wall power source to J6. LEDs D4 should be lit.
2. Attach a USB cable between J4 and a USB host. LEDs D1, should be lit.
5
Troubleshooting
Case 1: Device function(s) are “banged out” in Device Manager.
•
Make sure that the latest updates are installed for the operating system
•
Make sure that the latest drivers are installed for the host controller
Case 2: The EVM does not work at all.
•
Verify that all switches are in their default state and the EVM is powered on with a 5-V source with
adequate current to support any bus-powered devices (3 A+).
•
If installed, remove the serial EEPROM from the EEPROM socket. The EVM does not require an
EEPROM to operate.
•
In the case where a 12-V power supply has been attached to the EVM, the fault is non-recoverable.
6
TUSB4041PAP Evaluation Module
SLLU227 – September 2015
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com