Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041PAP Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB4041PAP
Description  TUSB4041PAP Evaluation Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB4041PAP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB4041PAP Datasheet HTML 3Page - Texas Instruments TUSB4041PAP Datasheet HTML 4Page - Texas Instruments TUSB4041PAP Datasheet HTML 5Page - Texas Instruments TUSB4041PAP Datasheet HTML 6Page - Texas Instruments TUSB4041PAP Datasheet HTML 7Page - Texas Instruments TUSB4041PAP Datasheet HTML 8Page - Texas Instruments TUSB4041PAP Datasheet HTML 9Page - Texas Instruments TUSB4041PAP Datasheet HTML 10Page - Texas Instruments TUSB4041PAP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Appendix A
SLLU227 – September 2015
A.1
TUSB4041PAPEVM Bill of Materials
This appendix contains the TUSB4041PAPEVM BOM.
Table 1. TUSB4041PAPEVM BOM
Item
Qty
Reference
Part
Manufacturer
Part Number
1
2
C1,C2
18pF
AVX
04025A180JAT2A
2
1
C3
1uF
Samsung
CL05B105KQ5NQNC
3
18
C4,C38,C40,C41,C46,C48,C50,C51,C56,C
0.1uF
Yageo
CC0402KRX5R6BB104
58,C66,C69,C72,C75,C77,C78,C80,C81
4
1
C5
1uF
TDK
CL21B105KPFNNNE
5
11
C6,C9,C12,C15,C19,C22,C25,C28,C32,C8
0.001uF
TDK
C0603X7R1E102K030BA
3,C86
6
11
C7,C10,C13,C16,C20,C23,C26,C29,C33,C
0.01uF
Yageo
CC0201KRX7R7BB103
85,C88
7
11
C8,C11,C14,C17,C21,C24,C27,C30,C34,C
0.1uF
TDK
C0603X5R0J104M
84,C87
8
8
C18,C31,C35,C67,C68,C73,C74,C82
10uF
Murata Electronics
GRM31CR71C106KAC7L
9
5
C39,C47,C49,C57,C59
0.001uF
TDK
C1005X7R1H102K
10
4
C70,C71,C76,C79
150uF
Kemet
T495D157K010ATE100
11
2
D1,D4
LED Green 0805
Lite On
LTST-C171GKT
12
6
FB1,FB2,FB3,FB4,FB5,FB6
220 @ 100MHZ
Murata
BLM18PG221SN1D
13
2
GND1,GND2
TEST POINT
Wurth Electronics Inc
61300111121
14
1
JP6
Conn 2x5 shroud
3M
N2510-6002-RB
15
1
J1
Type B USB-Shield
FCI
61729-1011BLF
16
4
J2,J3,J4,J5
Type A USB-Shield
TE Connectivity AMP
292303-1
Connectors
17
1
J6
2.1mm x 5.5mm
CUI Inc.
PJ-202AH (PJ-002AH)
18
3
J7,J8,J9
Header 1x2
3M
961102-6404-AR
19
6
R1,R15,R17,R18,R19,R20
1M
Rohm Semiconductor
MCR01MZPJ105
20
1
R2
90.9K
Rohm Semiconductor
RMCF0402FT90K9
21
5
R3,R26,R27,R29,R36
10K
Rohm Semiconductor
MCR01MZPF1002
22
14
R4,R5,R11,R12,R13,R14,R22,R23,R24,R2
1K
Rohm Semiconductor
MCR01MRTJ102
5,R38,R39,R46,R47
23
4
R6,R7,R8,R9
4.7K
Rohm Semiconductor
MCR01MZPJ472
24
0
R10,R32,R42,R43,R44,R45
10K NOPOP
Rohm Semiconductor
MCR01MZPF1002
25
2
R16,R28
330
Rohm Semiconductor
MCR01MZPJ331
26
1
R21
9.53K
Rohm Semiconductor
MCR01MRTF9531
27
1
R33
1.87K
Vishay / Dale
CRCW04021K87FKED
28
1
R34
4.99K
Vishay / Dale
CRCW04024K99FKED
29
2
SW1,SW2
8-POS 50-MIL SMT
C&K Components
TDA08H0SB1R
30
1
SW3
MS13ANW03
NKK Switches
MS13ANW03
31
1
U1
TUSB4041
Texas Instruments
TUSB4041IPAP
32
1
U2
24AA04-I/P
Microchip Technology
24AA04-I/P
33
1
U4
TPS7A4533
Texas Instruments
TPS7A4533KTT
34
1
U6
TPS74801RGW
Texas Instruments
TPS74801RGW
35
4
U7,U8,U9,U10
TPS2001C
Texas Instruments
TPS2001CDGN
36
1
Y1
ECS-24MHZ
ECS
ECS-240-20-30B-TR
7
SLLU227 – September 2015
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com