Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041PAP Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB4041PAP
Description  TUSB4041PAP Evaluation Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB4041PAP Datasheet(HTML) 5 Page - Texas Instruments

  TUSB4041PAP Datasheet HTML 1Page - Texas Instruments TUSB4041PAP Datasheet HTML 2Page - Texas Instruments TUSB4041PAP Datasheet HTML 3Page - Texas Instruments TUSB4041PAP Datasheet HTML 4Page - Texas Instruments TUSB4041PAP Datasheet HTML 5Page - Texas Instruments TUSB4041PAP Datasheet HTML 6Page - Texas Instruments TUSB4041PAP Datasheet HTML 7Page - Texas Instruments TUSB4041PAP Datasheet HTML 8Page - Texas Instruments TUSB4041PAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
Hardware Set Up
3
Hardware Set Up
3.1
Configuration Switch
The TI TUSB4041PAPEVM has a set of switches to facilitate configuration changes. Changing these
switch settings without a complete understanding of the result is not recommended. Configuration inputs
are only read by the TUSB4041 during power on reset, changing the switch settings while the EVM is
powered on will have no effect. Please refer to the EVM schematics for additional information (included in
the appendix).
The switch definitions are as follows, with the standard setting in parenthesis:
SW1_1 (off):
TEST_TRSTZ. This pin is reserved for factory test.
SW1_2 (off):
SMBUSz Switch. The TUSB4041 has an internal pullup on this terminal, so I
2C interface
mode is enabled by default. If the switch is set to the ON position, the terminal is pulled
low and SMBUS mode is enabled.
SW1_3 (off):
SCL_SMBCLK Switch. The TUSB4041 has an internal pulldown on this terminal, so the
serial EEPROM/SMBUS interface is disabled. If the switch is set to the ON position, a
pullup resistor is connected to the serial clock terminal to indicate that an I
2C EEPROM
may be attached (along with a pullup resistor on SDA).
SW1_4 (off):
SDA_SMBDAT Switch. The TUSB4041 has an internal pulldown on this terminal, so the
serial EEPROM/SMBUS interface is disabled. If the switch is set to the ON position, a
pullup resistor is connected to the serial clock terminal to indicate that an I
2C EEPROM
may be attached (along with a pullup resistor on SCL).
SW1_5 (off):
PWRCTL1_BATEN1 Switch. The TUSB4041 has an internal pulldown on this terminal,
so USB Battery Charging mode on Port 1 is disabled by default. If the switch is set to the
ON position, the terminal is pulled high and battery charging is enabled on downstream
Port 1.
SW1_6(off):
PWRCTL2_BATEN2 Switch. The TUSB4041 has an internal pulldown on this terminal,
so USB Battery Charging mode on Port 2 is disabled by default. If the switch is set to the
ON position, the terminal is pulled high and battery charging is enabled on downstream
Port 2.
SW1_7 (off):
PWRCTL1_BATEN1 Switch. The TUSB4041 has an internal pulldown on this terminal,
so USB Battery Charging mode on Port 3 is disabled by default. If the switch is set to the
ON position, the terminal is pulled high and battery charging is enabled on downstream
Port 3.
SW1_8(off):
PWRCTL2_BATEN2 Switch. The TUSB4041 has an internal pulldown on this terminal,
so USB Battery Charging mode on Port 4 is disabled by default. If the switch is set to the
ON position, the terminal is pulled high and battery charging is enabled on downstream
Port 4.
SW2_1 (on):
AUTOENZ Switch. Automatic charge mode enable/HS suspend status The value of the
pin is sampled at the deassertion of reset to determine if automatic mode is enabled as
follows:
0 = Automatic mode is enabled on ports that are enabled for battery charging when the
hub is unconnected. Note that CDP is not supported on Port 1 when operating in
automatic mode.
1 = Automatic mode is disabled.
This value is also used to set the autoEnz bit in the Battery Charging Support Register.
After reset, this signal indicates the high-speed USB suspend status of the upstream port
if enabled through the Additional Feature Configuration Register. When enabled, a value
of 1 indicates the connection is suspended.
SW2_2 (on):
GANGED_HS_UP Switch. The TUSB4041 has an internal pullup on this terminal, so
ganged mode is enabled by default. If the switch is set to the ON position, the terminal is
pulled low and individual port power control mode is enabled. Since the
TUSB4041PAPEVM does implement individual port power controls, this terminal should
be set high.
5
SLLU227 – September 2015
TUSB4041PAP Evaluation Module
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com