Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041PAP Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB4041PAP
Description  TUSB4041PAP Evaluation Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB4041PAP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB4041PAP Datasheet HTML 4Page - Texas Instruments TUSB4041PAP Datasheet HTML 5Page - Texas Instruments TUSB4041PAP Datasheet HTML 6Page - Texas Instruments TUSB4041PAP Datasheet HTML 7Page - Texas Instruments TUSB4041PAP Datasheet HTML 8Page - Texas Instruments TUSB4041PAP Datasheet HTML 9Page - Texas Instruments TUSB4041PAP Datasheet HTML 10Page - Texas Instruments TUSB4041PAP Datasheet HTML 11Page - Texas Instruments TUSB4041PAP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Optional EEPROM Circuitry
JTAG is for lab evaluation only on TUSB8041.
This header and NOPOP pullups are not recommended
for customers.
SCL_SMBCLK
SDA_SMBDAT
PWRON1_BATEN1
SCL_PUP
SDA_PUP
SCL_SMBCLK
SDA_SMBDAT
PWRON2_BATEN2
PWRON4_BATEN4
BATEN3
BATEN0
BATEN1
OVERCUR1Z_TDI
OVERCUR2Z_TMS
PWRON3_BATEN3
BATEN2
SDA_SMBDAT
SCL_SMBCLK
GRSTZ
TEST_TRSTZ
AUTOENZ
SMBUSZ
TEST_TRSTZ
TEST_PUP
SMBUSZ_PD
GANGED_HS_UP
SMBUSZ
FULLPWRMGMTZ
PWRCTL_POL_TDO
FULLPWRMGMTZ
AUTOENZ_PD
GANGED_PU
PWRCTL_POL_PD
PWRCTL_POL_TDO
GANGED_HS_UP
AUTOENZ
FULLPWRMGMTZ_PUP
OVERCUR3z_TCK
OVERCUR2Z_TMS
OVERCUR1Z_TDI
PWRCTL_POL_TDO
TEST_TRSTZ
SCL_PD
SDA_PD
VDD11
BOARD_1P1V
BOARD_3P3V
VDD11
VDD33
BOARD_3P3V
BOARD_3P3V
VDD33
BOARD_3P3V
BOARD_3P3V
USB_DP_DN4
2
USB_DM_DN4
2
USB_DP_DN2
2
USB_DM_DN2
2
USB_DP_UP
2
USB_DM_UP
2
USB_VBUS_UP
2
USB_DP_DN3
2
USB_DM_DN3
2
PWRON4_BATEN4
3
PWRON1_BATEN1
3
PWRON2_BATEN2
3
PWRON3_BATEN3
3
USB_DP_DN1
2
USB_DM_DN1
2
OVERCUR1Z_TDI
3
OVERCUR2Z_TMS
3
OVERCUR3Z_TCK
3
OVERCUR4Z
3
R5
1K
0402
5%
C17
0.1uF
C21
0.1uF
R23
1K
0402
5%
C2
18pF
C18
10uF
C15
0.001uF
C27
0.1uF
C10
0.01uF
R45
10K NOPOP
Y1
ECS-24MHZ
C87
0.1uF
R22
1K
0402
5%
C24
0.1uF
R44
10K NOPOP
C11
0.1uF
J9
Header 1x2
1
2
R43
10K NOPOP
R8
4.7K
0402
5%
R14
1K
0402
5%
C9
0.001uF
R9
4.7K
0402
5%
C85
0.01uF
R42
10K NOPOP
C30
0.1uF
R12
1K
0402
5%
C14
0.1uF
C83
0.001uF
R3
10K
0402
1%
C8
0.1uF
FB1
220 @ 100MHZ
R47
1K
0402
5%
C31
10uF
C4
0.1uF
C22
0.001uF
R21
9.53K
1%
C16
0.01uF
U1
TUSB4041
PWRCTL3/BATEN3
1
PPAD
65
VDD33
2
PWRCTL2/BATEN2
3
PWRCTL1/BATEN1
4
SDA/SMBDAT
5
SCL/SMBCLK
6
SMBUSz
7
FULLPWRMGMTz/SMBA1
8
PWRCTL_POL
9
GANGED/SMBA2/HS_UP
10
OVERCUR4z
11
OVERCUR3z
12
AUTOENz/HS_SUSPEND
13
OVERCUR1z
14
OVERCUR2z
15
USB_VBUS
16
USB_DM_DN1
34
USB_DM_DN2
42
USB_DP_DN1
33
USB_DP_DN2
41
RSVD5
35
RSVD6
36
RSVD7
38
RSVD8
39
RSVD9
43
RSVD10
44
RSVD11
46
RSVD12
47
NC2
40
VDD
37
VDD
45
VDD33
48
C20
0.01uF
J8
Header 1x2
1
2
C13
0.01uF
C19
0.001uF
C26
0.01uF
R2
90.9K
0402
1%
C1
18pF
FB2
220 @ 100MHZ
R38
1K
0402
5%
R39
1K
0402
5%
C25
0.001uF
C6
0.001uF
R11
1K
0402
5%
C34
0.1uF
C88
0.01uF
C12
0.001uF
SW2
8-POS 50-MIL SMT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
R7
4.7K
0402
5%
C86
0.001uF
C5
1uF
SW1
8-POS 50-MIL SMT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
J7
Header 1x2
1
2
C3
1uF
U2
AT24C04
A0
1
A1
2
A2
3
GND
4
VCC
8
WP
7
SCLK
6
SDATA
5
C33
0.01uF
R4
1K
0402
5%
C84
0.1uF
R1
1M
R46
1K
0402
5%
C28
0.001uF
R6
4.7K
0402
5%
R10
10K NOPOP
GND1
C23
0.01uF
JP6
Conn 2x5 shroud
1
2
3
4
5
6
7
8
9
10
R13
1K
0402
5%
C32
0.001uF
C7
0.01uF
GND2
R24
1K
0402
5%
C29
0.01uF
R25
1K
0402
5%
TUSB4041PAPEVM Schematics
www.ti.com
A.2
TUSB4041PAPEVM Schematics
Figure 2 through Figure 4 illustrate the TUSB4041PAPEVM schematics.
Figure 2. TUSB4041PAPEVM Schematics
8
SLLU227 – September 2015
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com