Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041PAP Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB4041PAP
Description  TUSB4041PAP Evaluation Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB4041PAP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB4041PAP Datasheet HTML 6Page - Texas Instruments TUSB4041PAP Datasheet HTML 7Page - Texas Instruments TUSB4041PAP Datasheet HTML 8Page - Texas Instruments TUSB4041PAP Datasheet HTML 9Page - Texas Instruments TUSB4041PAP Datasheet HTML 10Page - Texas Instruments TUSB4041PAP Datasheet HTML 11Page - Texas Instruments TUSB4041PAP Datasheet HTML 12Page - Texas Instruments TUSB4041PAP Datasheet HTML 13Page - Texas Instruments TUSB4041PAP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
1.1V
REGULATOR
3.3V
REGULATOR
DOWNSTREAM PORT POWER SWITCHES
5V INPUT
SILKSCREEN: TIP +5v
DN1_VBUS
1P1V_FB
1P1V_SS
PWRON1_BATEN1
PWRON2_BATEN2
DN2_VBUS
PWRON3_BATEN3
DN3_VBUS
PWRON4_BATEN4
DN4_VBUS
USB_VBUS_UP
BOARD_5V
BOARD_1P1V
BOARD_3P3V
BOARD_3P3V
BOARD_5V
BOARD_3P3V
BOARD_3P3V
BOARD_5V
BOARD_3P3V
BOARD_5V
BOARD_3P3V
BOARD_5V
BOARD_5V
DN1_VBUS
2
OVERCUR1Z_TDI
1
PWRON1_BATEN1
1
PWRON2_BATEN2
1
DN2_VBUS
2
OVERCUR2Z_TMS
1
PWRON3_BATEN3
1
DN3_VBUS
2
OVERCUR3Z_TCK
1
PWRON4_BATEN4
1
DN4_VBUS
2
OVERCUR4Z
1
C72
0.1uF
R26
10K
0402
5%
C67
10uF
U7
TPS2001C
GND
1
IN
2
IN
3
EN
4
OUT
7
OUT
8
OUT
6
PAD
9
FLT
5
C82
10uF
U4
TPS7A4533
IN
2
SENSE
5
OUT
4
SHDN/
1
SW3
MS13ANW03
2
1
3
C81
0.1uF
C77
0.1uF
R34
4.99K
0402
5%
C75
0.1uF
+
C79
150uF
C66
0.1uF
J6
2.1mm x 5.5mm
1
2
3
+
C71
150uF
C78
0.1uF
R36
10K
0402
5%
D4
LED Green 0805
C73
10uF
R27
10K
0402
5%
U10
TPS2001C
GND
1
IN
2
IN
3
EN
4
OUT
7
OUT
8
OUT
6
PAD
9
FLT
5
+
C76
150uF
R32
10K NOPOP
C74
10uF
U9
TPS2001C
GND
1
IN
2
IN
3
EN
4
OUT
7
OUT
8
OUT
6
PAD
9
FLT
5
U8
TPS2001C
GND
1
IN
2
IN
3
EN
4
OUT
7
OUT
8
OUT
6
PAD
9
FLT
5
C80
0.1uF
C69
0.1uF
R33
1.87K
0402
5%
C68
10uF
+
C70
150uF
R29
10K
0402
5%
U6
TPS74801RGW
IN1
5
FB
16
OUT1
1
EN
11
IN2
6
IN3
7
IN4
8
OUT2
18
OUT3
19
OUT4
20
PG
9
BIAS
10
R28
330
0402
5%
TUSB4041PAPEVM Schematics
www.ti.com
Figure 4. TUSB4041PAPEVM Power Schematics
10
SLLU227 – September 2015
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com