Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1106 Datasheet(PDF) 24 Page - Microchip Technology

Part # CAP1106
Description  6 Channel Capacitive Touch Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1106 Datasheet(HTML) 24 Page - Microchip Technology

Back Button CAP1106 Datasheet HTML 20Page - Microchip Technology CAP1106 Datasheet HTML 21Page - Microchip Technology CAP1106 Datasheet HTML 22Page - Microchip Technology CAP1106 Datasheet HTML 23Page - Microchip Technology CAP1106 Datasheet HTML 24Page - Microchip Technology CAP1106 Datasheet HTML 25Page - Microchip Technology CAP1106 Datasheet HTML 26Page - Microchip Technology CAP1106 Datasheet HTML 27Page - Microchip Technology CAP1106 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
CAP1106
DS00001624B-page 24
 2015 Microchip Technology Inc.
6.6
Configuration Registers
The Configuration registers control general global functionality that affects the entire device.
6.6.1
CONFIGURATION - 20H
Bit 7 - TIMEOUT - Enables the timeout and idle functionality of the SMBus protocol.
• ‘0’ (default for Functional Revision C) - The SMBus timeout and idle functionality are disabled. The SMBus inter-
face will not time out if the clock line is held low. Likewise, it will not reset if both the data and clock lines are held
high for longer than 200us. This is used for I2C compliance.
• ‘1’ (default for Functional Revision B) - The SMBus timeout and idle functionality are enabled. The SMBus inter-
face will time out if the clock line is held low for longer than 30ms. Likewise, it will reset if both the data and clock
lines are held high for longer than 200us.
Bit 5 - DIS_DIG_NOISE - Determines whether the digital noise threshold (see Section 6.19, "Sensor Input Noise Thresh-
old Register") is used by the device. Setting this bit disables the feature.
• ‘0’ - The digital noise threshold is used. If a delta count value exceeds the noise threshold but does not exceed the
touch threshold, the sample is discarded and not used for the automatic re-calibration routine.
• ‘1’ (default) - The noise threshold is disabled. Any delta count that is less than the touch threshold is used for the
automatic re-calibration routine.
Bit 4 - DIS_ANA_NOISE - Determines whether the analog noise filter is enabled. Setting this bit disables the feature.
• ‘0’ (default) - If low frequency noise is detected by the analog block, the delta count on the corresponding channel
is set to 0. Note that this does not require that Noise Status bits be set.
• ‘1’ - A touch is not blocked even if low frequency noise is detected.
Bit 3 - MAX_DUR_EN - Determines whether the maximum duration recalibration is enabled.
• ‘0’ (default) - The maximum duration recalibration functionality is disabled. A touch may be held indefinitely and no
re-calibration will be performed on any sensor input.
• ‘1’ - The maximum duration recalibration functionality is enabled. If a touch is held for longer than the MAX_DUR
bit settings, then the re-calibration routine will be restarted (see Section 6.8).
6.6.2
CONFIGURATION 2 - 44H
Bit 6 - ALT_POL - Determines the ALERT# pin polarity and behavior.
• ‘0’ - The ALERT# pin is active high and push-pull.
• ‘1’ (default) - The ALERT# pin is active low and open drain.
Bit 5 - BLK_PWR_CTRL - Determines whether the device will reduce power consumption while waiting between con-
version time completion and the end of the polling cycle.
• ‘0’ (default) - The device will always power down as much as possible during the time between the end of the last
conversion and the end of the polling cycle.
• ‘1’ - The device will not power down the Cap Sensor during the time between the end of the last conversion and
the end of the polling cycle.
Bit 3 - SHOW_RF_NOISE - Determines whether the Noise Status bits will show RF Noise as the only input source.
• ‘0’ (default) - The Noise Status registers will show both RF noise and low frequency EMI noise if either is detected
on a capacitive touch sensor input.
• ‘1’ - The Noise Status registers will only show RF noise if it is detected on a capacitive touch sensor input. EMI
TABLE 6-10:
CONFIGURATION REGISTERS
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
20h
R/W
Configuration
TIMEOUT
-
DIS_ DIG_
NOISE
DIS_ ANA_
NOISE
MAX_
DUR_EN
--
-
A0h
(Rev B)
20h
(rev C)
44h
R/W
Configuration 2
-ALT_
POL
BLK_PWR_
CTRL
-
SHOW_
RF_
NOISE
DIS_
RF_
NOISE
-
INT_
REL_n
40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com