Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1106 Datasheet(PDF) 18 Page - Microchip Technology

Part # CAP1106
Description  6 Channel Capacitive Touch Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1106 Datasheet(HTML) 18 Page - Microchip Technology

Back Button CAP1106 Datasheet HTML 14Page - Microchip Technology CAP1106 Datasheet HTML 15Page - Microchip Technology CAP1106 Datasheet HTML 16Page - Microchip Technology CAP1106 Datasheet HTML 17Page - Microchip Technology CAP1106 Datasheet HTML 18Page - Microchip Technology CAP1106 Datasheet HTML 19Page - Microchip Technology CAP1106 Datasheet HTML 20Page - Microchip Technology CAP1106 Datasheet HTML 21Page - Microchip Technology CAP1106 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
CAP1106
DS00001624B-page 18
 2015 Microchip Technology Inc.
6.0
REGISTER DESCRIPTION
The registers shown in Table 6-1 are accessible through the communications protocol. An entry of ‘-’ indicates that the
bit is not used and will always read ‘0’.
TABLE 6-1:
REGISTER SET IN HEXADECIMAL ORDER
Register
Address
R/W
Register Name
Function
Default Value
Page
00h
R/W
Main Control
Controls general power states and
power dissipation
00h
Page 20
02h
R
General Status
Stores general status bits
00h
Page 21
03h
R
Sensor Input Status
Returns the state of the sampled
capacitive touch sensor inputs
00h
Page 21
0Ah
R
Noise Flag Status
Stores the noise flags for sensor inputs
00h
Page 22
10h
R
Sensor Input 1 Delta
Count
Stores the delta count for CS1
00h
Page 22
11h
R
Sensor Input 2 Delta
Count
Stores the delta count for CS2
00h
Page 22
12h
R
Sensor Input 3 Delta
Count
Stores the delta count for CS3
00h
Page 22
13h
R
Sensor Input 4 Delta
Count
Stores the delta count for CS4
00h
Page 22
14h
R
Sensor Input 5 Delta
Count
Stores the delta count for CS5
00h
Page 22
15h
R
Sensor Input 6 Delta
Count
Stores the delta count for CS6
00h
Page 22
1Fh
R/W
Sensitivity Control
Controls the sensitivity of the threshold
and delta counts and data scaling of
the base counts
2Fh
Page 22
20h
R/W
Configuration
Controls general functionality
20h
Page 24
21h
R/W
Sensor Input Enable
Controls whether the capacitive touch
sensor inputs are sampled
3Fh
Page 25
22h
R/W
Sensor Input Configura-
tion
Controls max duration and auto-repeat
delay for sensor inputs operating in the
full power state
A4h
Page 25
23h
R/W
Sensor Input Configura-
tion 2
Controls the MPRESS controls for all
sensor inputs
07h
Page 26
24h
R/W
Averaging and Sam-
pling Config
Controls averaging and sampling win-
dow
39h
Page 27
26h
R/W
Calibration Activate
Forces re-calibration for capacitive
touch sensor inputs
00h
Page 28
27h
R/W
Interrupt Enable
Enables Interrupts associated with
capacitive touch sensor inputs
3Fh
Page 29
28h
R/W
Repeat Rate Enable
Enables repeat rate for all sensor
inputs
3Fh
Page 29
2Ah
R/W
Multiple Touch Configu-
ration
Determines the number of simultane-
ous touches to flag a multiple touch
condition
80h
Page 30
2Bh
R/W
Multiple Touch Pattern
Configuration
Determines the multiple touch pattern
(MTP) configuration
00h
Page 30
2Dh
R/W
Multiple Touch Pattern
Determines the pattern or number of
sensor inputs used by the MTP cir-
cuitry
3Fh
Page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com