Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1106 Datasheet(PDF) 17 Page - Microchip Technology

Part # CAP1106
Description  6 Channel Capacitive Touch Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1106 Datasheet(HTML) 17 Page - Microchip Technology

Back Button CAP1106 Datasheet HTML 13Page - Microchip Technology CAP1106 Datasheet HTML 14Page - Microchip Technology CAP1106 Datasheet HTML 15Page - Microchip Technology CAP1106 Datasheet HTML 16Page - Microchip Technology CAP1106 Datasheet HTML 17Page - Microchip Technology CAP1106 Datasheet HTML 18Page - Microchip Technology CAP1106 Datasheet HTML 19Page - Microchip Technology CAP1106 Datasheet HTML 20Page - Microchip Technology CAP1106 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
 2015 Microchip Technology Inc.
DS00001624B-page 17
CAP1106
When the repeat rate is enabled, the device uses an additional control called MPRESS that determines whether a touch
is flagged as a simple “touch” or a “press and hold”. The MPRESS[3:0] bits set a minimum press timer. When the button
is touched, the timer begins. If the sensor pad is released before the minimum press timer expires, it is flagged as a
touch and an interrupt is generated upon release. If the sensor input detects a touch for longer than this timer value, it
is flagged as a “press and hold” event. So long as the touch is held, interrupts will be generated at the programmed
repeat rate and upon release (if enabled).
APPLICATION NOTE: Figure 5-2 and Figure 5-3 show default operation which is to generate an interrupt upon
sensor pad release and an active-low ALERT# pin.
APPLICATION NOTE: The host may need to poll the device twice to determine that a release has been detected.
FIGURE 5-2:
Sensor Interrupt Behavior - Repeat Rate Enabled
FIGURE 5-3:
Sensor Interrupt Behavior - No Repeat Rate Enabled
Touch Detected
INT bit
Button Status
Write to INT bit
Polling Cycle
(35ms)
Min Press Setting
(280ms)
Interrupt on
Touch
Button Repeat Rate
(175ms)
Button Repeat Rate
(175ms)
Interrupt on
Release
(optional)
ALERT# pin
(active low)
Touch Detected
INT bit
Button Status
Write to INT bit
Polling Cycle
(35ms)
Interrupt on
Touch
Interrupt on
Release
(optional)
ALERT# pin
(active low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com