Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1106 Datasheet(PDF) 42 Page - Microchip Technology

Part # CAP1106
Description  6 Channel Capacitive Touch Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1106 Datasheet(HTML) 42 Page - Microchip Technology

Back Button CAP1106 Datasheet HTML 38Page - Microchip Technology CAP1106 Datasheet HTML 39Page - Microchip Technology CAP1106 Datasheet HTML 40Page - Microchip Technology CAP1106 Datasheet HTML 41Page - Microchip Technology CAP1106 Datasheet HTML 42Page - Microchip Technology CAP1106 Datasheet HTML 43Page - Microchip Technology CAP1106 Datasheet HTML 44Page - Microchip Technology CAP1106 Datasheet HTML 45Page - Microchip Technology CAP1106 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
CAP1106
DS00001624B-page 42
 2015 Microchip Technology Inc.
APPENDIX A:
DEVICE DELTA
A.1
Delta from CAP1006 to CAP1106
1.
Updated circuitry to improve power supply rejection.
2.
Added Multiple Touch Pattern detection circuitry. See Section 6.15, "Multiple Touch Pattern Configuration Regis-
ter".
3.
Added General Status register to flag Multiple touches, Multiple Touch Pattern issues and general touch detec-
tions. See Section 6.2, "Status Registers".
4.
Added bits 6 and 5 to the Recalibration Configuration register (2Fh - see Section 6.17, "Recalibration Configura-
tion Register"). These bits control whether the accumulation of intermediate data and the consecutive negative
delta counts counter are cleared when the noise status bit is set.
5.
Added Configuration 2 register for noise detection controls and control to interrupt on press but not on release.
Added control to change alert pin polarity. See Section 6.6, "Configuration Registers".
6.
Updated Deep Sleep behavior so that device does not clear DSLEEP bit on received communications but will
wake to communicate.
7.
Register delta:
Table A.1 Register Delta From CAP1006 to CAP1106
Address
Register Delta
Delta
Default
00h
Page 20
Changed - Main Status /
Control
added bits 7-6 to control gain
00h
02h
Page 21
New - General Status
new register to store MTP, MULT, and gen-
eral TOUCH bits
00h
44h
Page 24
New - Configuration 2
new register to control alert polarity, and
noise detection, and interrupt on release
00h
24h
Page 27
Changed - Averaging
Control
updated register bits - moved
SAMP_AVG[2:0] bits and added SAMP_-
TIME bit 1. Default changed
39h
2Bh
Page 30
New - Multiple Touch
Pattern Configuration
new register for Multiple Touch Pattern
configuration - enable and threshold set-
tings
80h
2Dh
Page 31
New - Multiple Touch
Pattern Register
new register for Multiple Touch Pattern
detection circuitry - pattern or number of
sensor inputs
3Fh
2Fh
Page 32
Changed - Recalibration
Configuration
updated register - updated CAL_CFG bit
decode to add a 128 averages setting and
removed highest time setting. Default
changed. Added bit 6 NO_CLR_INTD and
bit 5 NO_CLR_NEG.
8Ah
38h
Page 33
Changed - Sensor Input
Noise Threshold
updated register bits - removed bits 7 - 3
and consolidated all controls into bits 1 - 0.
These bits will set the noise threshold for
all channels. Default changed
01h
39h
Removed - Noise
Threshold Register 2
removed register
n/a
41h
Page 34
Changed - Standby Con-
figuration
updated register bits - moved
STBY_AVG[2:0] bits and added STBY_-
TIME bit 1. Default changed
39h
FDh
Page 37
Changed - Product ID
Changed bit decode for CAP1106
55h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com