Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1106 Datasheet(PDF) 15 Page - Microchip Technology

Part # CAP1106
Description  6 Channel Capacitive Touch Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1106 Datasheet(HTML) 15 Page - Microchip Technology

Back Button CAP1106 Datasheet HTML 11Page - Microchip Technology CAP1106 Datasheet HTML 12Page - Microchip Technology CAP1106 Datasheet HTML 13Page - Microchip Technology CAP1106 Datasheet HTML 14Page - Microchip Technology CAP1106 Datasheet HTML 15Page - Microchip Technology CAP1106 Datasheet HTML 16Page - Microchip Technology CAP1106 Datasheet HTML 17Page - Microchip Technology CAP1106 Datasheet HTML 18Page - Microchip Technology CAP1106 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
 2015 Microchip Technology Inc.
DS00001624B-page 15
CAP1106
5.1
Power States
The CAP1106 has three operating states depending on the status of the STBY and DSLEEP bits. When the device tran-
sitions between power states, previously detected touches (for inactive channels) are cleared and the status bits reset.
1.
Fully Active - The device is fully active. It is monitoring all active capacitive sensor inputs.
2.
Standby - The device is in a lower power state. It will measure a programmable number of channels using the
Standby Configuration controls (see Section 6.20 through Section 6.22). Interrupts will still be generated based
on the active channels. The device will still respond to communications normally and can be returned to the Fully
Active state of operation by clearing the STBY bit.
3.
Deep Sleep - The device is in its lowest power state. It is not monitoring any capacitive sensor inputs. While in
Deep Sleep, the device can be awakened by SMBus or SPI communications targeting the device. This will not
cause the DSLEEP to be cleared so the device will return to Deep Sleep once all communications have stopped.
5.2
Capacitive Touch Sensing
The CAP1106 contains six (6) independent capacitive touch sensor inputs. Each sensor input has dynamic range to
detect a change of capacitance due to a touch. Additionally, each sensor input can be configured to be automatically
and routinely re-calibrated.
5.2.1
SENSING CYCLE
Each capacitive touch sensor input has controls to be activated and included in the sensing cycle. When the device is
active, it automatically initiates a sensing cycle and repeats the cycle every time it finishes. The cycle polls through each
active sensor input starting with CS1 and extending through CS6. As each capacitive touch sensor input is polled, its
measurement is compared against a baseline “Not Touched” measurement. If the delta measurement is large enough,
a touch is detected and an interrupt is generated.
The sensing cycle time is programmable (see Section 6.10, "Averaging and Sampling Configuration Register").
5.2.2
RECALIBRATING SENSOR INPUTS
There are various options for recalibrating the capacitive touch sensor inputs. Recalibration re-sets the Base Count Reg-
isters (Section 6.24, "Sensor Input Base Count Registers") which contain the “not touched” values used for touch detec-
tion comparisons.
APPLICATION NOTE: The device will recalibrate all sensor inputs that were disabled when it transitions from
Standby. Likewise, the device will recalibrate all sensor inputs when waking out of Deep
Sleep.
5.2.2.1
Manual Recalibration
The Calibration Activate Registers (Section 6.11, "Calibration Activate Register") force recalibration of selected sensor
inputs. When a bit is set, the corresponding capacitive touch sensor input will be recalibrated (both analog and digital).
The bit is automatically cleared once the recalibration routine has finished.
5.2.2.2
Automatic Recalibration
Each sensor input is regularly recalibrated at a programmable rate (see Section 6.17, "Recalibration Configuration Reg-
ister"). By default, the recalibration routine stores the average 64 previous measurements and periodically updates the
base “not touched” setting for the capacitive touch sensor input.
Note:
During this recalibration routine, the sensor inputs will not detect a press for up to 200ms and the Sensor
Base Count Register values will be invalid. In addition, any press on the corresponding sensor pads will
invalidate the recalibration.
Note:
Automatic recalibration only works when the delta count is below the active sensor input threshold. It is dis-
abled when a touch is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com