Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1106 Datasheet(PDF) 46 Page - Microchip Technology

Part # CAP1106
Description  6 Channel Capacitive Touch Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1106 Datasheet(HTML) 46 Page - Microchip Technology

Back Button CAP1106 Datasheet HTML 40Page - Microchip Technology CAP1106 Datasheet HTML 41Page - Microchip Technology CAP1106 Datasheet HTML 42Page - Microchip Technology CAP1106 Datasheet HTML 43Page - Microchip Technology CAP1106 Datasheet HTML 44Page - Microchip Technology CAP1106 Datasheet HTML 45Page - Microchip Technology CAP1106 Datasheet HTML 46Page - Microchip Technology CAP1106 Datasheet HTML 47Page - Microchip Technology CAP1106 Datasheet HTML 48Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
CAP1106
DS00001624B-page 46
 2015 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
[X]
-
[X]
-
XXX
-
[X](1)
l
l
l
l
l
Device
Temperature Addressing
Package
Tape and Reel
Range
Option
Option
Example:
Note 1:
Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering
purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability
with the Tape and Reel option.
Device:
CAP1106
Temperature
Range:
Blank
=
0
°C to +85°C
(Extended Commercial)
Package:
AIA = DFN
Tape and
Reel Option:
TR
= Tape and Reel(1)
CAP1106-1-AIA-TR
10-pin DFN 3mm x 3mm (RoHS compliant)
Six capacitive touch sensor inputs, SMBus
interface
Reel size is 4,000 pieces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com