Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1106 Datasheet(PDF) 16 Page - Microchip Technology

Part # CAP1106
Description  6 Channel Capacitive Touch Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1106 Datasheet(HTML) 16 Page - Microchip Technology

Back Button CAP1106 Datasheet HTML 12Page - Microchip Technology CAP1106 Datasheet HTML 13Page - Microchip Technology CAP1106 Datasheet HTML 14Page - Microchip Technology CAP1106 Datasheet HTML 15Page - Microchip Technology CAP1106 Datasheet HTML 16Page - Microchip Technology CAP1106 Datasheet HTML 17Page - Microchip Technology CAP1106 Datasheet HTML 18Page - Microchip Technology CAP1106 Datasheet HTML 19Page - Microchip Technology CAP1106 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
CAP1106
DS00001624B-page 16
 2015 Microchip Technology Inc.
5.2.2.3
Negative Delta Count Recalibration
It is possible that the device loses sensitivity to a touch. This may happen as a result of a noisy environment, an acci-
dental recalibration during a touch, or other environmental changes. When this occurs, the base untouched sensor input
may generate negative delta count values. The NEG_DELTA_CNT bits (see Section 6.17, "Recalibration Configuration
Register") can be set to force a recalibration after a specified number of consecutive negative delta readings.
5.2.2.4
Delayed Recalibration
It is possible that a “stuck button” occurs when something is placed on a button which causes a touch to be detected
for a long period. By setting the MAX_DUR_EN bit (see Section 6.6, "Configuration Registers"), a recalibration can be
forced when a touch is held on a button for longer than the duration specified in the MAX_DUR bits (see Section 6.8,
"Sensor Input Configuration Register").
5.2.3
PROXIMITY DETECTION
Each sensor input can be configured to detect changes in capacitance due to proximity of a touch. This circuitry detects
the change of capacitance that is generated as an object approaches, but does not physically touch, the enabled sensor
pad(s). When a sensor input is selected to perform proximity detection, it will be sampled from 1x to 128x per sampling
cycle. The larger the number of samples that are taken, the greater the range of proximity detection is available at the
cost of an increased overall sampling time.
5.2.4
MULTIPLE TOUCH PATTERN DETECTION
The multiple touch pattern (MTP) detection circuitry can be used to detect lid closure or other similar events. An event
can be flagged based on either a minimum number of sensor inputs or on specific sensor inputs simultaneously exceed-
ing an MTP threshold or having their Noise Flag Status Register bits set. An interrupt can also be generated. During an
MTP event, all touches are blocked (see Section 6.15, "Multiple Touch Pattern Configuration Register").
5.2.5
LOW FREQUENCY NOISE DETECTION
Each sensor input has an EMI noise detector that will sense if low frequency noise is injected onto the input with suffi-
cient power to corrupt the readings. If this occurs, the device will reject the corrupted sample and set the corresponding
bit in the Noise Status register to a logic ‘1’.
5.2.6
RF NOISE DETECTION
Each sensor input contains an integrated RF noise detector. This block will detect injected RF noise on the CS pin. The
detector threshold is dependent upon the noise frequency. If RF noise is detected on a CS line, that sample is removed
and not compared against the threshold.
5.3
ALERT# Pin
The ALERT# pin is an active low (or active high when configured) output that is driven when an interrupt event is
detected.
Whenever an interrupt is generated, the INT bit (see Section 6.1, "Main Control Register") is set. The ALERT# pin is
cleared when the INT bit is cleared by the user. Additionally, when the INT bit is cleared by the user, status bits are only
cleared if no touch is detected.
5.3.1
SENSOR INTERRUPT BEHAVIOR
The sensor interrupts are generated in one of two ways:
1.
An interrupt is generated when a touch is detected and, as a user selectable option, when a release is detected
(by default - see Section 6.6). See Figure 5-3.
2.
If the repeat rate is enabled then, so long as the touch is held, another interrupt will be generated based on the
programmed repeat rate (see Figure 5-2).
Note:
During this recalibration, the device will not respond to touches.
Note:
Delayed recalibration only works when the delta count is above the active sensor input threshold. If
enabled, it is invoked when a sensor pad touch is held longer than the MAX_DUR bit setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com