Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5534B Datasheet(PDF) 37 Page - Microchip Technology

Part # USB5534B
Description  4-Port SS/HS USB Hub Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5534B Datasheet(HTML) 37 Page - Microchip Technology

Back Button USB5534B Datasheet HTML 33Page - Microchip Technology USB5534B Datasheet HTML 34Page - Microchip Technology USB5534B Datasheet HTML 35Page - Microchip Technology USB5534B Datasheet HTML 36Page - Microchip Technology USB5534B Datasheet HTML 37Page - Microchip Technology USB5534B Datasheet HTML 38Page - Microchip Technology USB5534B Datasheet HTML 39Page - Microchip Technology USB5534B Datasheet HTML 40Page - Microchip Technology USB5534B Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001681C-page 37
USB5534B
5.6.1
ACCESSING RUNTIME REGISTERS
The Configuration Register Access operation allows the SMBus Master to read or write to the internal registers of the
hub. When the Configuration Register Access command is sent the hub will interpret the memory starting at offset 00h
as follows:
5.6.1.1
Configuration Register Write Example
The following example shows how the SMBus messages will be formatted to set the VID of the hub to a custom value,
AA55h.
1.
Write data to the memory of the hub:
2.
Execute the Configuration Register Access command:
TABLE 5-13:
MEMORY FORMAT FOR CONFIGURATION REGISTER ACCESS
RAM Address
Description
Notes
0000h
Direction
0 = Register Write, 1 = Register Read.
0001h
Data Length
Number of bytes to Read/Write when executing the command.
0002h
Configuration
Address MSB
The upper byte of the 16-bit configuration register address.
0003h
Configuration
Address LSB
The lower byte of the 16-bit configuration register address.
0004h
Data1
The first byte of data to write to or read from the Configuration Address.
...
...
...
0004h+N
DataN
The Nth byte of data to write to or read from the Configuration Address, N
is equal to the Data Length.
TABLE 5-14:
EXAMPLE SMBUS WRITE COMMAND
Byte
Value
Comment
0
5Ah
Address plus write bit.
1
00h
Memory address 0000h.
2
00h
Memory address 0000h.
3
06h
Number of bytes to write to memory.
4
00h
Write Configuration Register.
5
02h
Writing two data bytes.
6
30h
VID is in register 3000h.
7
00h
VID is in register 3000h.
8
55h
LSB of Vendor ID AA55h.
9
AAh
MSB of Vendor ID AA55h.
TABLE 5-15:
CONFIGURATION REGISTER ACCESS COMMAND
Byte
Value
Comment
0
5Ah
Address plus write bit.
1
99h
Command 9937h.
2
37h
Command 9937h.
3
00h
Command Completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com