Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5534B Datasheet(PDF) 45 Page - Microchip Technology

Part # USB5534B
Description  4-Port SS/HS USB Hub Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5534B Datasheet(HTML) 45 Page - Microchip Technology

Back Button USB5534B Datasheet HTML 41Page - Microchip Technology USB5534B Datasheet HTML 42Page - Microchip Technology USB5534B Datasheet HTML 43Page - Microchip Technology USB5534B Datasheet HTML 44Page - Microchip Technology USB5534B Datasheet HTML 45Page - Microchip Technology USB5534B Datasheet HTML 46Page - Microchip Technology USB5534B Datasheet HTML 47Page - Microchip Technology USB5534B Datasheet HTML 48Page - Microchip Technology USB5534B Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001681C-page 45
USB5534B
5.6.19
PORT POWER INPUT REGISTER
5.6.20
PORT POWER PULL-UP RESISTOR REGISTER
5.6.21
PORT 1 POWER SELECT REGISTER
The bits in this register are configured via a configuration file. Users must not change the values of these settings
dynamically.
TABLE 5-36:
PORT POWER INPUT REGISTER
PRT_PWR_IN
(0X093A)
Port Power Input Register
Bit
Name
R/W
Description
7:1
PRT_PWR[7:1]
R
PRT[7:1] Input Buffer Data.
0
Reserved
R
Reserved
TABLE 5-37:
PORT POWER PULL-UP RESISTOR REGISTER
PRT_PWR_PU
(0X093E)
Port Power PULL UP REGISTER
BIT
NAME
R/W
DESCRIPTION
7:1
PRT_PWR_PU[7:1]
R/W
“0” = Disables the pull-up resistor on the PRT_PWR[N] pad. Where N is
the bit being controlled. Bit 1 controls PRT_PWR 1 and so on.
“1” = Enables the pull-up resistor on the PIO pad.
0
Reserved
R
Reserved
TABLE 5-38:
PORT 1 POWER SELECT REGISTER
PRT_PWR_SEL1
(0X3C00)
Port 1 Power Select
Bit
Name
R/W
Description
7
COMBINED_MODE
R/W
0 - The Port Power and over-current sense use separate pins.
1 - The Port Power and over-current sense use the same pins.
6
Reserved
R
Reserved
5
DISABLED
R/W
When set this disables the port. Used to inform the hub a port is
permanently disabled.
4
NR_DEVICE
R/W
When set indicates this port has a permanently attached device.
3:0
PRT_SEL
R/W
This selects the source for the port power for port1
0000b - Port Power is disabled for this Port.
0001b - Port is on if USB2 port power is on
0010b - Port is on if USB3 port power is on
0011b - Port is on if USB2 or USB3 port power is on
0100b - Port is on if designated GPIO is on
All other values are reserved.
Note:
The port disable, port non-removable and combined mode bits must be set through a configuration file to
ensure functionality when the part enumerates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com