Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5534B Datasheet(PDF) 50 Page - Microchip Technology

Part # USB5534B
Description  4-Port SS/HS USB Hub Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5534B Datasheet(HTML) 50 Page - Microchip Technology

Back Button USB5534B Datasheet HTML 46Page - Microchip Technology USB5534B Datasheet HTML 47Page - Microchip Technology USB5534B Datasheet HTML 48Page - Microchip Technology USB5534B Datasheet HTML 49Page - Microchip Technology USB5534B Datasheet HTML 50Page - Microchip Technology USB5534B Datasheet HTML 51Page - Microchip Technology USB5534B Datasheet HTML 52Page - Microchip Technology USB5534B Datasheet HTML 53Page - Microchip Technology USB5534B Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 73 page
background image
USB5534B
DS00001681C-page 50
 2012 - 2015 Microchip Technology Inc.
5.6.30
OCS GANG CONTROL REGISTER
1
P2_CDP
R/W
0 = No CDP handshake detected.
1 = Charging Downstream Port handshake detected prior to
enumeration.
0
P1_CDP
R/W
0 = No CDP handshake detected.
1 = Charging Downstream Port handshake detected prior to
enumeration.
TABLE 5-47:
OCS GANG CONTROL REGISTER
OCS_GANG
(0X525A)
OCS Gang Control
Bit
Name
R/W
Description
7:5
Reserved
R/W
Reserved
4
P4_OCS_GANG
R/W
Setting this bit to 1 will cause this ports OCS status to be ganged to the
selected pin.
3
P3_OCS_GANG
R/W
Setting this bit to 1 will cause this ports OCS status to be ganged to the
selected pin.
2
P2_OCS_GANG
R/W
Setting this bit to 1 will cause this ports OCS status to be ganged to the
selected pin.
1
P1_OCS_GANG
R/W
Setting this bit to 1 will cause this ports OCS status to be ganged to the
selected pin.
0
Reserved
R/W
Reserved
TABLE 5-46:
CHARGING DOWNSTREAM DETECTED REGISTER (CONTINUED)
CDP_DETECT
(0X5246)
Charging Downstream Detected
Bit
Name
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com