Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5534B Datasheet(PDF) 66 Page - Microchip Technology

Part # USB5534B
Description  4-Port SS/HS USB Hub Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5534B Datasheet(HTML) 66 Page - Microchip Technology

Back Button USB5534B Datasheet HTML 62Page - Microchip Technology USB5534B Datasheet HTML 63Page - Microchip Technology USB5534B Datasheet HTML 64Page - Microchip Technology USB5534B Datasheet HTML 65Page - Microchip Technology USB5534B Datasheet HTML 66Page - Microchip Technology USB5534B Datasheet HTML 67Page - Microchip Technology USB5534B Datasheet HTML 68Page - Microchip Technology USB5534B Datasheet HTML 69Page - Microchip Technology USB5534B Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 73 page
background image
USB5534B
DS00001681C-page 66
 2012 - 2015 Microchip Technology Inc.
APPENDIX A:
DATA SHEET REVISION HISTORY
TABLE A-1:
DATA SHEET REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00001681C (10-12-15)
"Product Identification
System"
Ordering information corrected.
DS00001681B (09-26-14)
Document is converted to Microchip template
Overview on page 4
“USB 2.0” added following mention of MultiTRAK
Technology, PortSwap and PHYBoost.
Cover
References to “8K RAM” changed to “8 KB RAM”
and references to “32 K ROM” changed to “32 KB
ROM”.
Second paragraph in General Description modified.
Section 3.2, "Pin Descriptions
(Grouped by Function)," on
page 8
Corrected PRT_PWRx/PRT_CTLx pin description to
include cross-reference note.
FIGURE 3-1: USB5534B 64-
Pin QFN on page 7
Updated PRT_PWRx/PRT_CTLx pin names to
include both primary and secondary functions.
Section 3.2, "Pin Descriptions
(Grouped by Function)," on
page 8
Provided additional VBUS pin description
information for clarity.
Section 4.2, "SMBus Slave
Interface," on page 18
In second paragraph, updated sentence “To disable
the SMBus, a pull-down resistor of 10 10 K
must
be applied to SM_DAT.” to:
“To disable the SMBus, a pull-down resistor of
10 K
must be applied to either SM_DAT,
SM_CLK, or both SM_DAT and SM_CLK if
desired.”
REV A (02-27-14)
Replaces previous SMSC version 1.3; document has been Microchip branded
General Description on cover: “legacy” is replaced with “non-USB 1.2”
Rev. 1.3
(01-23-14)
All
Added -6080 firmware ordering code and info
throughout document.
Introduction on page 4
Added information on the -5000 vs. -6080 firmware
differences.
Section 6.5.1, "Package
Thermal Specifications," on
page 60
Added package thermal specifications.
Functional Operation on page
24
Renamed chapter. Updated entire chapter with
additional information on battery charging,
configuration options, OTP, and external SPI
operation, runtime register definitions, etc.
Standard Interface
Connections on page 13
Renamed chapter. Added Non-BC Power
Configuration and Battery Charging sections.
Pin Information on page 7
Added alternate functions to TRST pin.
Section 6.3, "Power
Consumption," on page 58
Updated power consumption values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com