Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5534B Datasheet(PDF) 10 Page - Microchip Technology

Part # USB5534B
Description  4-Port SS/HS USB Hub Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5534B Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB5534B Datasheet HTML 6Page - Microchip Technology USB5534B Datasheet HTML 7Page - Microchip Technology USB5534B Datasheet HTML 8Page - Microchip Technology USB5534B Datasheet HTML 9Page - Microchip Technology USB5534B Datasheet HTML 10Page - Microchip Technology USB5534B Datasheet HTML 11Page - Microchip Technology USB5534B Datasheet HTML 12Page - Microchip Technology USB5534B Datasheet HTML 13Page - Microchip Technology USB5534B Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
USB5534B
DS00001681C-page 10
 2012 - 2015 Microchip Technology Inc.
TCK
I
JTAG Clock
This input is used for JTAG boundary scan and has a weak pull-down.
It can be left floating or grounded when not used. If the JTAG is
connected, then this signal will be detected high, and the software
disables the pull up after reset.
Note:
Only available in test mode.
OCS1
Over-Current Sense 1
Input from external current monitor indicating an over-current condition.
Note:
This pin also provides configuration strap functions.
See Note 3-3.
TMS
I
JTAG TMS
Used for JTAG boundary scan.
Note:
Only available in test mode.
OCS2
Over-Current Sense 2
Input from external current monitor indicating an over-current condition.
Note:
This pin also provides configuration strap functions.
See Note 3-3.
TDI
I
JTAG TDI
Used for JTAG boundary scan.
Note:
Only available in test mode.
OCS3
Over-Current Sense 3
Input from external current monitor indicating an over-current condition.
Note:
This pin also provides configuration strap functions.
See Note 3-3.
TDO
O12
JTAG TDO
Used for JTAG boundary scan.
Note:
Only available in test mode.
OCS4
Over-Current Sense 4
Input from external current monitor indicating an over-current condition.
Note:
This pin also provides configuration strap functions.
See Note 3-3.
MISC
RESET_N
IS
Reset Input
The system uses this active low signal to reset the chip. The active low
pulse should be at least 1
s wide.
XTALIN
ICLKx
Crystal Input: 25 MHz crystal.
This pin connects to either one terminal of the crystal or to an external
25 MHz clock when a crystal is not used.
CLK_IN
External Clock Input
This pin connects to either one terminal of the crystal or to an external
25 MHz clock when a crystal is not used.
XTALOUT
OCLKx
Crystal Output
The clock output, providing a crystal 25 MHz. When an external clock
source is used to drive XTALIN/CLK_IN, this pin becomes a no
connect.
TABLE 3-1:
USB5534B PIN DESCRIPTIONS (CONTINUED)
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com