Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5534B Datasheet(PDF) 9 Page - Microchip Technology

Part # USB5534B
Description  4-Port SS/HS USB Hub Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5534B Datasheet(HTML) 9 Page - Microchip Technology

Back Button USB5534B Datasheet HTML 5Page - Microchip Technology USB5534B Datasheet HTML 6Page - Microchip Technology USB5534B Datasheet HTML 7Page - Microchip Technology USB5534B Datasheet HTML 8Page - Microchip Technology USB5534B Datasheet HTML 9Page - Microchip Technology USB5534B Datasheet HTML 10Page - Microchip Technology USB5534B Datasheet HTML 11Page - Microchip Technology USB5534B Datasheet HTML 12Page - Microchip Technology USB5534B Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001681C-page 9
USB5534B
USB PORT CONTROL
PRT_PWR[4:1]/
PRT_CTL[4:1]
O12
USB Power Enable
Enables power to USB peripheral devices downstream.
Note:
This pin also provides configuration strap functions.
See Note 3-1.
VBUS
I
Upstream VBUS Power Detect
This pin can be used to detect the state of the upstream bus power. The
device monitors this pin to determine when to assert the internal D+ pull-
up resistor (signaling a connect event).
When designing a detachable hub, this pin should be connected to
VBUS on the upstream port via a 2:1 voltage divider. Two 100 k
resistors are suggested.
For self-powered applications with a permanently attached host, this pin
must be connected to a dedicated host control output, or connected to
the 3.3 V domain that powers the host (typically VDD33).
SPI INTERFACE (4 PINS)
SPI_CE_N
O12
SPI Enable
SPI_CLK
O12
SPI Clock
SPI_DO
O12
SPI Serial Data Out
The output for the SPI port.
Note:
This pin also provides configuration strap functions.
See .
SPI_DI
I
SPI Serial Data In
The SPI data in to the controller from the ROM. This pin has a weak
internal pull-down applied at all times to prevent floating.
JTAG/OCS INTERFACE
TRST
IPU
(Note 3-4)
JTAG Asynchronous Reset
Note:
If using the SMBus interface, a pull-up on this signal will enable
Legacy Mode, while leaving it unconnected or pulled-down will
enable Advanced Mode.
Note:
Only available in test mode.
DYNCPDIS_N
Dynamic Charging Port Disable
This active-low signal is used to globally disable Battery Charging
support on all USB downstream ports configured as Charging Ports.
Note:
This signal available in -6080 versions only
UCS_SMBALERT_N
UCS1002 SMBus Alert
When charging port is enabled and SMBus devices are used, this signal
acts as an active-low SMBus alert.
TABLE 3-1:
USB5534B PIN DESCRIPTIONS (CONTINUED)
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com