Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5534B Datasheet(PDF) 43 Page - Microchip Technology

Part # USB5534B
Description  4-Port SS/HS USB Hub Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5534B Datasheet(HTML) 43 Page - Microchip Technology

Back Button USB5534B Datasheet HTML 39Page - Microchip Technology USB5534B Datasheet HTML 40Page - Microchip Technology USB5534B Datasheet HTML 41Page - Microchip Technology USB5534B Datasheet HTML 42Page - Microchip Technology USB5534B Datasheet HTML 43Page - Microchip Technology USB5534B Datasheet HTML 44Page - Microchip Technology USB5534B Datasheet HTML 45Page - Microchip Technology USB5534B Datasheet HTML 46Page - Microchip Technology USB5534B Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001681C-page 43
USB5534B
5.6.12
VBUS AND OCS INPUT REGISTER
5.6.13
LED0 INPUT REGISTER
5.6.14
VBUS AND OCS PULL-UP RESISTOR REGISTER
TABLE 5-29:
VBUS AND OCS INPUT REGISTER
VBUS_OCS_IN
(0X0839)
VBUS and OCS Input Register
Bit
Name
R/W
Description
7:5
Reserved
R
Reserved
4
OCS4
R
Input Buffer Data.
3
OCS3
R
Input Buffer Data.
2
OCS2
R
Input Buffer Data.
1
OCS1
R
Input Buffer Data.
0
VBUS
R
Input Buffer Data.
TABLE 5-30:
LED0 INPUT REGISTER
LED0_IN
(0X083B)
LED0 Input Register
Bit
Name
R/W
Description
7:1
Reserved
R
Reserved
0
LED0
R
PIO0 Input Buffer Data. This bit is not valid if PIO0 is in LED mode.
TABLE 5-31:
VBUS AND OCS PULL-UP RESISTOR REGISTER
VBUS_OCS_PU
(0X083D)
VBUS and OCS Pull-Up Register
Bit
Name
R/W
Description
7:5
Reserved
R/W
Reserved
4
OCS4
R/W
“0” = Disables the pull-up resistor on the OCS4 pin.
“1” = Enables the pull-up resistor on the OCS4 pin.
3
OCS3
R/W
“0” = Disables the pull-up resistor on the OCS3 pin.
“1” = Enables the pull-up resistor on the OCS3 pin.
2
OCS2
R/W
“0” = Disables the pull-up resistor on the OCS2 pin.
“1” = Enables the pull-up resistor on the OCS2 pin.
1
OCS1
R/W
“0” = Disables the pull-up resistor on the OCS1 pin.
“1” = Enables the pull-up resistor on the OCS1 pin.
0
VBUS
R/W
“0” = Disables the pull-up resistor on the VBUS pin.
“1” = Enables the pull-up resistor on the VBUS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com