Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPR910 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DLPR910
Description  Configuration PROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR910 Datasheet(HTML) 3 Page - Texas Instruments

  DLPR910 Datasheet HTML 1Page - Texas Instruments DLPR910 Datasheet HTML 2Page - Texas Instruments DLPR910 Datasheet HTML 3Page - Texas Instruments DLPR910 Datasheet HTML 4Page - Texas Instruments DLPR910 Datasheet HTML 5Page - Texas Instruments DLPR910 Datasheet HTML 6Page - Texas Instruments DLPR910 Datasheet HTML 7Page - Texas Instruments DLPR910 Datasheet HTML 8Page - Texas Instruments DLPR910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
A
B
C
D
E
F
G
H
1
2
3
4
5
6
DLPR910
www.ti.com
DLPS065A – SEPTEMBER 2015 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
YVA Package
48-Pin DSBGA
Top View
I/O Type Descriptions
SUBSCRIPT
DESCRIPTION
P
Power
G
Ground
I
Input
O
Output
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
GND
A1
G
Ground
GND
A2
G
Ground
Output Enable/RESET (Open-Drain I/O). When Low, this input holds the address
counter reset and the DATA and CLKOUT outputs are placed in a high-impedance state.
OE/RESET
A3
I/O
This is a bidirectional open-drain pin that is held Low while the PROM completes the
internal power-on reset sequence. Polarity is not programmable. Pin must be pulled
High using an external 4.7-k
Ω pull-up to VCCO .
DNC
A4
Do Not Connect. Leave unconnected.
D6
A5
Do Not Connect. Leave unconnected.
D7
A6
Do Not Connect. Leave unconnected.
VCCINT
B1
P
Positive 1.8-V supply voltage for internal logic.
Positive 3.3-V and 1.8-V supply voltage connected to the output voltage drivers and
VCCO
B2
P
internal buffers.
Configuration clock input. Each rising edge on the CLK input increments the internal
CLK
B3
I
address counter. Pin must be pulled High and Low using an external 100-
Ω pull-up
to VCCO and an external 100-Ω pull-down to Ground. Place resistors close to pin.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DLPR910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com