Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPR910 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DLPR910
Description  Configuration PROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR910 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLPR910 Datasheet HTML 2Page - Texas Instruments DLPR910 Datasheet HTML 3Page - Texas Instruments DLPR910 Datasheet HTML 4Page - Texas Instruments DLPR910 Datasheet HTML 5Page - Texas Instruments DLPR910 Datasheet HTML 6Page - Texas Instruments DLPR910 Datasheet HTML 7Page - Texas Instruments DLPR910 Datasheet HTML 8Page - Texas Instruments DLPR910 Datasheet HTML 9Page - Texas Instruments DLPR910 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DLPR910
DLPS065A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
6.6 Supply Voltage Requirements for Power-On Reset and Power-Down
(see
(1))
MIN
MAX
UNIT
TVCC
VCCINT rise time from 0 V to nominal voltage
(2)
0.2
50
ms
VCCPOR
POR threshold for VCCINT supply
0.5
–
V
TOER
OE/RESET release delay following POR (3)
0.5
30
ms
VCCPD
Power-down threshold for VCCINT supply
–
0.5
V
Time required to trigger a device reset when the VCCINT supply drops below
TRST
10
–
ms
the maximum VCCPD threshold
(1)
VCCINT, VCCO, and VCCJ supplies can be applied in any order.
(2)
At power up, the device requires the VCCINT power supply to monotonically rise to the nominal operating voltage within the specified
TVCC rise time. If the power supply cannot meet this requirement, then the device might not perform power-on-reset properly. See Figure
6, in the Xilinx XCF16P (v2.18) Product Specification for more information.
(3)
If the VCCINT and VCCO supplies do not reach their respective recommended operating conditions before the OE/RESET pin is released,
then the configuration data from the PROM is not available at the recommended threshold levels. The configuration sequence must be
delayed until both VCCINT and VCCO have reached their recommended operating conditions.
6.7 Timing Requirements
Refer to the XCF16P product specifications at www.xilinx.com.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPR910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com