Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPR910 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPR910
Description  Configuration PROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR910 Datasheet(HTML) 1 Page - Texas Instruments

  DLPR910 Datasheet HTML 1Page - Texas Instruments DLPR910 Datasheet HTML 2Page - Texas Instruments DLPR910 Datasheet HTML 3Page - Texas Instruments DLPR910 Datasheet HTML 4Page - Texas Instruments DLPR910 Datasheet HTML 5Page - Texas Instruments DLPR910 Datasheet HTML 6Page - Texas Instruments DLPR910 Datasheet HTML 7Page - Texas Instruments DLPR910 Datasheet HTML 8Page - Texas Instruments DLPR910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LVDS Interface
DLPC910
LVD Interface
RESET Signals
SCP Interface
Power Management
OSC
50 MHz
CTRL_RSTZ
JTAG(3:0)
DLPR910
PGM(4:0)
Illumination
Driver
Illumination
Sensor
I2C
Row and Block Signals
Control Signals
Status Signals
VLED0
VLED1
DLP9000XFLS
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DLPR910
DLPS065A – SEPTEMBER 2015 – REVISED OCTOBER 2015
DLPR910 Configuration PROM
1 Features
3 Description
The DLPR910 device is a programmed PROM used
1
•
Pre-Programmed Xilinx® PROM Configures the
for properly configuring the DLPC910, which supports
DLPC910ZYR
reliable operation of the DLP9000XFLS DMD. The
•
Data Transfer up to 33 Mbps
DLPR910 configuration enables the DLPC910 to
•
I/O Pins Compatible With 1.8 V to 3.3 V
operate at a pixel data rate greater than 61 Gigabits
per second (Gbps) with the option for random row
•
1.8-V Core Supply Voltage
addressing and Load4 capabilities.
•
–40°C to 85°C Operating Temperature Range
The DLPR910 device is part of a multiple component
chipset in the DLP® Advanced Light Control portfolio.
2 Applications
A dedicated chipset provides developers easier
•
Lithography
access
to
the
DMD
as
well
as
high
speed,
–
Direct Imaging
independent micromirror control.
–
Flat Panel Display
The DLPC910 configuration program is only available
within the DLPR910. The DLPR910 requires that it be
–
Printed Circuit Board Manufacturing
used in conjunction with the DLPC910 and the
•
Industrial
DLP9000XFLS components for reliable function and
–
3D Printing
operation of the chipset.
–
3D Scanners for Machine Vision
For complete electrical and mechanical specifications
–
Quality Control
of
the
DLPR910,
see
the
XCF16P
product
•
Displays
specification at www.xilinx.com.
–
3D Imaging
Device Information (1)
–
Augmented Reality and Information Overlay
PART NUMBER
PACKAGE
BODY SIZE (NOM)
8.00 mm × 9.00 mm ×
DLPR910
DSBGA (48)
1.20 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DLPR910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPR910 TI1-DLPR910 Datasheet
299Kb / 17P
Configuration PROM
DLPR910AYVA TI1-DLPR910AYVA Datasheet
299Kb / 17P
Configuration PROM
DLPR910YVA TI1-DLPR910YVA Datasheet
299Kb / 17P
Configuration PROM
DLPR910 TI1-DLPR910_17 Datasheet
299Kb / 17P
Configuration PROM
More results

Similar Description - DLPR910

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2402PI XICOR-X2402PI Datasheet
327Kb / 10P
Electrically Erasable PROM
logo
LANSDALE Semiconductor ...
HL0512 LANSDALE-HL0512 Datasheet
2Mb / 4P
Bipolar Prom
logo
Rhombus Industries Inc.
T-31201 RHOMBUS-IND-T-31201 Datasheet
30Kb / 1P
Single Configuration / Dual Configuration
logo
Texas Instruments
DLPR100 TI1-DLPR100 Datasheet
234Kb / 15P
DLP짰 Configuration PROM for DLPC100
DLPR410 TI1-DLPR410 Datasheet
421Kb / 18P
Configuration PROM
logo
Xilinx, Inc
DS541 XILINX-DS541 Datasheet
925Kb / 27P
Defense Grade Platform Flash In-System Programmable Configuration PROM
logo
Texas Instruments
DLPR910 TI1-DLPR910_17 Datasheet
299Kb / 17P
Configuration PROM
logo
LANSDALE Semiconductor ...
HL0512 LANSDALE-HL0512_08 Datasheet
2Mb / 4P
Bipolar Prom
logo
Texas Instruments
DLPR410 TI1-DLPR410_18 Datasheet
264Kb / 17P
Configuration PROM
DLPR410 TI-DLPR410_V01 Datasheet
906Kb / 21P
DLPR410 Configuration PROM
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com