Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPR910 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DLPR910
Description  Configuration PROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR910 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLPR910 Datasheet HTML 7Page - Texas Instruments DLPR910 Datasheet HTML 8Page - Texas Instruments DLPR910 Datasheet HTML 9Page - Texas Instruments DLPR910 Datasheet HTML 10Page - Texas Instruments DLPR910 Datasheet HTML 11Page - Texas Instruments DLPR910 Datasheet HTML 12Page - Texas Instruments DLPR910 Datasheet HTML 13Page - Texas Instruments DLPR910 Datasheet HTML 14Page - Texas Instruments DLPR910 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DLPR910
2514595-
0001
Pin 1
DLPR910
www.ti.com
DLPS065A – SEPTEMBER 2015 – REVISED OCTOBER 2015
9 Power Supply Recommendations
The DLPR910 uses two power supply rails as shown in Table 1.
Table 1. DLPR910 Power Supply Rails
SUPPLY
POWER PINS
COMMENTS
All VCCINT pins must be connected with a 0.-uF
1.8 V
VCCINT1, VCCINT2, and VCCINT3
decoupling capacitor to GND.
All VCCO and VCCJ pins must be connected with a 0.1-
3.3 V
VCCO1,VCCO2,VCCO3, VCCO4, and VCCJ
uF decoupling capacitor to GND.
10 Layout
10.1 Layout Guidelines
The DLPR910 is part of a multi-chipset solution, and it is required to be coupled with the DLPC910 for reliable
operation of the DLP9000XFLS DMD. Refer to the DLPC910 datasheet listed in Related Documentation for a
layout example for this multi-chipset solution.
11 Device and Documentation Support
11.1 Device Support
11.1.1 Device Nomenclature
Table 2. Part Number Description
TI PART NUMBER
DESCRIPTION
REFERENCE NUMBER
DLPR910YVA
DLPR910 Configuration PROM
2514595-0001
11.1.2 Device Markings
Figure 4. DLPR910 Device Markings
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DLPR910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com