Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPR910 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DLPR910
Description  Configuration PROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR910 Datasheet(HTML) 4 Page - Texas Instruments

  DLPR910 Datasheet HTML 1Page - Texas Instruments DLPR910 Datasheet HTML 2Page - Texas Instruments DLPR910 Datasheet HTML 3Page - Texas Instruments DLPR910 Datasheet HTML 4Page - Texas Instruments DLPR910 Datasheet HTML 5Page - Texas Instruments DLPR910 Datasheet HTML 6Page - Texas Instruments DLPR910 Datasheet HTML 7Page - Texas Instruments DLPR910 Datasheet HTML 8Page - Texas Instruments DLPR910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DLPR910
DLPS065A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
Chip Enable Input. When (CE ) is High, the device is put into low-power standby mode,
(CE)
B4
I
the address counter is reset, and the DATA and CLKOUT outputs are placed in a high
impedance state.
D5
B5
Do Not Connect. Leave unconnected.
GND
B6
G
Ground
BUSY
C1
Do Not Connect. Leave unconnected.
CLKOUT
C2
Do Not Connect. Leave unconnected.
DNC
C3
Do Not Connect. Leave unconnected.
DNC
C4
Do Not Connect. Leave unconnected.
D4
C5
Do Not Connect. Leave unconnected.
Positive 3.3-V and 1.8-V supply voltage connected to the output voltage drivers and
VCCO
C6
P
internal buffers.
Configuration pin. The (CF) pin must be pulled High using an external 4.7-k
Ω pull-up
( CF)
D1
I
to VCCO . Selects serial mode configuration.
(CEO)
D2
Do Not Connect. Leave unconnected.
DNC
D3
Do Not Connect. Leave unconnected.
DNC
D4
Do Not Connect. Leave unconnected.
D3
D5
Do Not Connect. Leave unconnected.
Positive 3.3-V and 1.8-V supply voltage connected to the output voltage drivers and
VCCO
D6
P
internal buffers.
VCCINT
E1
P
Positive 1.8-V supply voltage for internal logic.
TMS
E2
I
JTAG Mode Select Input. TMS has an internal 50-k
Ω resistive pull-up to VCCJ.
DNC
E3
Do Not Connect. Leave unconnected.
DNC
E4
Do Not Connect. Leave unconnected.
D2
E5
Do Not Connect. Leave unconnected.
TDO
E6
O
JTAG Serial Data Output. TDO has an internal 50-k
Ω resistive pull-up to VCCJ.
GND
F1
G
Ground
DNC
F2
Do Not Connect. Leave unconnected.
DNC
F3
Do Not Connect. Leave unconnected.
DNC
F4
Do Not Connect. Leave unconnected.
GND
F5
G
Ground
GND
F6
G
Ground
TDI
G1
I
JTAG Serial Data Input. TDI has an internal 50k-
Ω resistive pull-up to VCCJ.
DNC
G2
Do Not Connect. Leave unconnected.
REV_SEL0
G3
I
Revision Select [1:0] Inputs. When the (EN_EXT_SEL) is Low, the Revision Select pins
are used to select the design revision to be enabled. The Revision Select [1:0] inputs
have an internal 50-k
Ω resistive pull-up to VCCO. The (REV_SEL0) pin must be pulled
REV_SEL1
G4
I
Low using an external 10-k
Ω pull-down to Ground. The (REV_SEL1) pin must be
connected to Ground.
Positive 3.3-V and 1.8-V supply voltage connected to the output voltage drivers and
VCCO
G5
P
internal buffers.
VCCINT
G6
P
Positive 1.8-V supply voltage for internal logic.
GND
H1
G
Ground
Positive 3.3-V JTAG I/O supply voltage connected to the TDO output voltage driver and
VCCJ
H2
P
TCK, TMS and TDI input buffers.
JTAG Clock Input. This pin is the JTAG test clock. It sequences the TAP controller and
TCK
H3
I
all the JTAG test and programming electronics.
External Selection Input. (EN_EXT_SEL) has an internal 50-k
Ω resistive pull- up to
(EN_EXT_SEL)
H4
I
VCCO. The (EN_EXT_SEL) pin must be connected to Ground
D1
H5
Do Not Connect. Leave unconnected.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPR910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com