Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPR910 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DLPR910
Description  Configuration PROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR910 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPR910 Datasheet HTML 4Page - Texas Instruments DLPR910 Datasheet HTML 5Page - Texas Instruments DLPR910 Datasheet HTML 6Page - Texas Instruments DLPR910 Datasheet HTML 7Page - Texas Instruments DLPR910 Datasheet HTML 8Page - Texas Instruments DLPR910 Datasheet HTML 9Page - Texas Instruments DLPR910 Datasheet HTML 10Page - Texas Instruments DLPR910 Datasheet HTML 11Page - Texas Instruments DLPR910 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DLPR910
DLPS065A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
Feature Description (continued)
7.3.1.2 Configuration Clock Input
The configuration CLK is connected to the DLPC910 in master mode, where the DLPC910 provides the clock
pulses to read the configuration from the DLPR910.
7.3.1.3 Output Enable and Reset
When the OE/(RESET) input is held low, the address counter is reset and the Data and CLKOUT outputs are
placed in high-impedance state. OE/(RESET) must be pulled High using an external 4.7-k
Ω pull-up to VCCO .
7.3.1.4 Chip Enable
The (CE) input is asserted by the DLPC910 to enable the Data and CLKOUT outputs. When (CE) is held high,
the DLPR910 address counter is reset, and the Data and CLKOUT outputs are placed in high-impedance states.
7.3.1.5 Configuration Pulse
The DLPR910 is configured in serial mode when the Configuration Pulse (CF) is held high and (CE) and OE are
enabled. New data is available a short time after each rising clock edge.
7.3.1.6 Revision Selection
REV_SEL_0, REV_SEL_1, and (EN_EXT_SEL) signals are used for selecting which revision to be the default.
Setting all three signals to GND will default to revision 0 for simple DLPR910 setup.
7.4 Device Functional Modes
To successfully program the DLPC910 upon power-up, the DLPR910 must be configured and connected to the
DLPC910 as shown in Figure 2.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPR910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com