Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPR910 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DLPR910
Description  Configuration PROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR910 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLPR910 Datasheet HTML 5Page - Texas Instruments DLPR910 Datasheet HTML 6Page - Texas Instruments DLPR910 Datasheet HTML 7Page - Texas Instruments DLPR910 Datasheet HTML 8Page - Texas Instruments DLPR910 Datasheet HTML 9Page - Texas Instruments DLPR910 Datasheet HTML 10Page - Texas Instruments DLPR910 Datasheet HTML 11Page - Texas Instruments DLPR910 Datasheet HTML 12Page - Texas Instruments DLPR910 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DLPC_HSWAPEN
DLPC_M0
DLPC_M2
DLPC_M1
DLPC_TDI
DLPC_CCLK
DLPC_DONE
DLPC_DIN
DLPR_D0
DLPC_INITB
DLPC_PROGB
DLPC_DONE
DLPC_DONE
DLPC_CS_B
DLPC_INITB
DLPC_RDWR_B
DLPR_ENEXTSEL_Z
DLPR_REV_SEL1
DLPR_REV_SEL0
DLPC_VBATT
DLPR_TDO
DLPR_TDI
DLPR_CLKOUT
DLPC_CCLK
DLPC_PROGB
DLPC_CCLK
DLPR_BUSY
DLPR_CEO
DLPC_DOUTBUSY
P3P3V
P3P3V
P1P8V
P3P3V
P3P3V
P3P3V
P3P3V
P3P3V
DLPCPROGB_BY_USB
7
DLPC_TDO
3
JTAG_TMS
3,8
JTAG_TCK
3,8
APP_TDO
3
JTAG_TCK
3,8
JTAG_TMS
3,8
G
Master Serial Config Mode
S
D
Place termination near U4
R65
100
5%
R79
0
C39
0.1uF
50V
R82
1k
1%
R67
100
5%
10
TP45
R68
4.7k
5%
R75
1k
1%
R80
0
10
TP43
C40
0.1uF
50V
R74
1k
1%
R66
100
5%
R69
4.7k
5%
10
TP40
+
C42
47uF
10V
TP39
R77
0
R81
0
R70
330
5%
10
TP44
C46
1.0uF
50V
DLPC910ZYR
U3A
VP_0
N14
VN_0
P13
DXP_0
R14
DXN_0
R13
AVDD_0
M14
AVSS_0
M13
VREFP_0
P14
VREFN_0
N13
VCCO_0
Y9
VCCO_0
W12
VBATT_0
K18
PROGRAM_B_0
J18
HSWAPEN_0
L18
D_IN_0
K11
DONE_0
K10
CCLK_0
J10
INIT_B_0
J11
CS_B_0
N18
RDWR_B_0
P18
RSVD_R18_0
R18
RSVD_T18_0
T18
M0_0
W18
M2_0
V18
M1_0
Y17
TMS_0
V12
TDI_0
V11
TDO_0
W10
TCK_0
U11
D_OUT_BUSY_0
W11
C44
0.1uF
50V
J19
1
2
Q4
DMN26D0UT-7
D
G
S
R71
4.7k
5%
R76
0
C41
0.1uF
50V
10
TP41
R83
10k
0.5%
U4
DLPR910YVA
REV_SEL0
G3
D4
C5
VCCO_C6
C6
VCCINT_E1
E1
CEO
D2
CLK
B3
CE
B4
D5
B5
BUSY
C1
CLKOUT
C2
DNC_C3
C3
DNC_E3
E3
D2
E5
CF
D1
DNC_D3
D3
DNC_D4
D4
D3
D5
VCCO_D6
D6
VCCJ
H2
TCK
H3
OE/RESET
A3
D6
A5
VCCINT_B1
B1
D7
A6
DNC_A4
A4
VCCINT_G6
G6
VCCO_G5
G5
REV_SEL1
G4
DNC_G2
G2
TDI
G1
TDO
E6
TMS
E2
DNC_F2
F2
DNC_C4
C4
DNC_F4
F4
DNC_F3
F3
VCCO_B2
B2
DNC_E4
E4
EN_EXT_SEL
H4
D1
H5
D0
H6
C45
0.1uF
50V
D4
C43
0.1uF
50V
R78
0
R72
0
10
TP46
R73
0
C38
0.1uF
50V
10
TP42
DLPR910
www.ti.com
DLPS065A – SEPTEMBER 2015 – REVISED OCTOBER 2015
Figure 2. DLPC910 and DLPR910 Connection Schematic
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DLPR910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com