Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8820I Datasheet(PDF) 33 Page - Microchip Technology

Part # LAN8820I
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820I Datasheet(HTML) 33 Page - Microchip Technology

Back Button LAN8820I Datasheet HTML 29Page - Microchip Technology LAN8820I Datasheet HTML 30Page - Microchip Technology LAN8820I Datasheet HTML 31Page - Microchip Technology LAN8820I Datasheet HTML 32Page - Microchip Technology LAN8820I Datasheet HTML 33Page - Microchip Technology LAN8820I Datasheet HTML 34Page - Microchip Technology LAN8820I Datasheet HTML 35Page - Microchip Technology LAN8820I Datasheet HTML 36Page - Microchip Technology LAN8820I Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 33
LAN8820/LAN8820I
3.10.2
POWER SUPPLY & TWISTED PAIR INTERFACE DIAGRAM
FIGURE 3-7:
POWER SUPPLY & TWISTED PAIR INTERFACE DIAGRAM
LAN8820/LAN8820i
ETHRBIAS
VSS
8.06K Ohm
1%
(x4) VDD12A
VDD12PLL
CBYPASS
VDD12BIAS
CBYPASS
VDD12CORE (x6)
CBYPASS
VDD25IO (x4)
CBYPASS
x6
x4
Power
Supply
2.5V
Power
Supply
1.2V
Magnetics
TR0P
TR0N
1
2
3
4
5
6
7
8
1000 pF
2 kV
Circuitry within the dotted line is for Channel 0.
Duplicate this circuit for Channels 1, 2 and 3.
RJ45
75
CBYPASS
49.9
49.9
0.022uF
Note: 0.022uF capacitor is optional. In
an EMI constrained environment,
populate this capacitor. The component
must be placed close to the transformer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com