Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8820I Datasheet(PDF) 46 Page - Microchip Technology

Part # LAN8820I
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820I Datasheet(HTML) 46 Page - Microchip Technology

Back Button LAN8820I Datasheet HTML 42Page - Microchip Technology LAN8820I Datasheet HTML 43Page - Microchip Technology LAN8820I Datasheet HTML 44Page - Microchip Technology LAN8820I Datasheet HTML 45Page - Microchip Technology LAN8820I Datasheet HTML 46Page - Microchip Technology LAN8820I Datasheet HTML 47Page - Microchip Technology LAN8820I Datasheet HTML 48Page - Microchip Technology LAN8820I Datasheet HTML 49Page - Microchip Technology LAN8820I Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 46
 2009-2015 Microchip Technology Inc.
4.2.15
10/100 SPECIAL MODES REGISTER
4
Auto Next Page Disable
Setting this bit disables automatic next page exchange in 1000BASE-T.
Advertising of next pages then depends on the value of the Next Page bit of
the Auto Negotiation Advertisement Register. In this case, if Next Page is
cleared, only the base page is sent.
0 = Normal operation
1 = Automatic next page is disabled
R/W
0b
3:2
RESERVED
RO
-
1
ENERGYON
This bit indicates whether energy is detected on the line. It is reset to “1” by
a hardware reset. When a software reset is asserted, this bit is cleared. If
this bit was set prior to a software reset, it will cause the INT7 bit of the
Interrupt Source Flags Register to be set. Therefore, after a software or
hardware reset, the INT7 bit should be cleared by writing a “1” to it.
Refer to Section 3.5, "Interrupt Management," on page 21 for additional
ENERGYON information.
RO
1b
0
Semi Crossover Enable
Setting this register enables semi cross over.
0 = Disable Semi cross over
1 = Enable Semi cross over
Note:
Refer to Section 3.2, "HP Auto-MDIX," on page 16 for additional
information.
R/W
0b
Index (In Decimal): 18
Size:
16 bits
Bits
Description
Type
Default
15
Enable RXDV Early Assertion
Setting this bit enables early assertion of RXDV in 10BASE-T. RXDV is
asserted before the SFD.
0 = Disable
1 = Enable
R/W
0b
14
10BT HD Loopback Disable
Setting this bit disables MII loopback in 10BASE-T half duplex mode.
0 = normal operation
1 = activates PHYT_10 test mode
R/W
NASR
000000b
13:8
RESERVED
RO
-
7
CRC Error Counter Data Source
Setting this bit changes the data source of the 1000BASE-T CRC error
counter.
0 = Data source in 1000BASE-T received data
1 = Data source in 1000BASE-T transmitted data
R/W
0b
6
MCLK25EN
Enable an 25Mhz MAC clock output.
0 = 125MHz
1 = 25MHz
RO
0b
5
RESERVED
RO
-
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com