Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8820I Datasheet(PDF) 13 Page - Microchip Technology

Part # LAN8820I
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820I Datasheet(HTML) 13 Page - Microchip Technology

Back Button LAN8820I Datasheet HTML 9Page - Microchip Technology LAN8820I Datasheet HTML 10Page - Microchip Technology LAN8820I Datasheet HTML 11Page - Microchip Technology LAN8820I Datasheet HTML 12Page - Microchip Technology LAN8820I Datasheet HTML 13Page - Microchip Technology LAN8820I Datasheet HTML 14Page - Microchip Technology LAN8820I Datasheet HTML 15Page - Microchip Technology LAN8820I Datasheet HTML 16Page - Microchip Technology LAN8820I Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 13
LAN8820/LAN8820I
3.0
FUNCTIONAL DESCRIPTION
This chapter provides functional descriptions of the various device features. These features have been categorized into
the following sections:
• Auto-negotiation
• HP Auto-MDIX
• RGMII Interface
• Serial Management Interface (SMI)
• Interrupt Management
• Resets
• Power-Down modes
• Configuration
• Miscellaneous Functions
• Application Diagrams
3.1
Auto-negotiation
The purpose of the auto-negotiation function is to automatically configure the PHY to the optimum link parameters based
on the capabilities of its link partner. Auto-negotiation is a mechanism for exchanging configuration information between
two link-partners and automatically selecting the highest performance mode of operation supported by both sides. Auto-
negotiation is fully defined in clause 28 and clause 40 of the IEEE 802.3 specification.
Once auto-negotiation has completed, information about the resolved link can be passed back to the controller via the
integrated Serial Management Interface (SMI). The results of the negotiation process are reflected in the Speed Indica-
tion field of the PHY Special Control / Status Register as well as the Auto Negotiation Link Partner Ability Register.
The advertised capabilities of the PHY are stored in Auto Negotiation Advertisement Register. The defaults advertised
by the device are determined as described in Section 3.8.1.2.2, "Configuring the Mode of Operation (CONFIG[3:2])," on
page 26.
The auto-negotiation protocol is a purely physical layer activity and proceeds independently of the MAC controller. When
enabled, auto-negotiation is started by the occurrence of one of the following events:
• Hardware reset
• Software reset
• Power-down reset
• Link status down
• Setting the Restart Auto-Negotiate bit of the Basic Control Register
On detection of one of these events, the device begins auto-negotiation by transmitting bursts of Fast Link Pulses (FLP).
The data transmitted by an FLP burst is known as a “Link Code Word.” This exchange of information allows link partners
to determine the Highest Common Ability (HCD).
Once a capability match has been determined, the link code words are repeated with the acknowledge bit set. Any dif-
ference in the main content of the link code words at this time will cause auto-negotiation to re-start. Auto-negotiation
will also re-start if all of the required FLP bursts are not received.
Writing the 100BASE-TX Full Duplex, 100BASE-TX, 10BASE-T Full Duplex, and 10BASE-T bits of the Auto Negotiation
Advertisement Register allows software control of the advertised capabilities. However, writing the Auto Negotiation
Advertisement Register does not automatically re-start auto-negotiation. The Restart Auto-Negotiate bit of the Basic
Control Register must be set before the new abilities will be advertised. Auto-negotiation can also be disabled via soft-
ware by clearing the Auto-Negotiation Enable bit of the Basic Control Register.
Auto-Negotiation also resolves the Master/Slave clocking relationship between two PHYs for a 1000BASE-T link. Refer
to Section 3.1.4, "Master/Slave," on page 14 for additional information.
3.1.1
RESTARTING AUTO-NEGOTIATION
Auto-negotiation can be restarted at any time by using the Restart Auto-Negotiate bit of the Basic Control Register.
Auto-negotiation will also re-start if the link is broken at any time. A broken link is caused by signal loss. This may occur
because of a cable break, or because of an interruption in the signal transmitted by the Link Partner. Auto-negotiation
resumes in an attempt to determine the new link configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com